Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H523VCK7 Datasheet(PDF) 111 Page - STMicroelectronics

No. de pieza STM32H523VCK7
Descripción Electrónicos  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523VCK7 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32H523VCK7 Datasheet HTML 107Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 108Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 109Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 110Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 111Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 112Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 113Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 114Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 228 page
background image
DS14540 Rev 1
111/228
STM32H523xx
Electrical characteristics
197
The given value is calculated by measuring the difference of current consumption:
•
with all peripherals clocked off
•
with only one peripheral clocked on
•
frcc_cpu_ck = 250 MHz (Scale 0), frcc_cpu_ck = 200 MHz (Scale 1), frcc_cpu_ck = 150 MHz
(Scale 2), frcc_cpu_ck= 100 MHz (Scale 3)
•
the ambient operating temperature is 25 °C and VDD = 3.0 V
Table 36. Peripheral current consumption in Sleep mode
Bus
Peripheral
IDD (typ)
Unit
VOS0
VOS1
VOS2
VOS3
AHB1
SRAM1
0.82
0.71
0.67
0.59
μA/MHz
BKPRAM
0.84
0.74
0.67
0.61
CRC
0.28
0.23
0.19
0.20
DCACHE
0.72
0.63
0.58
0.51
FLASH
9.62
8.41
7.66
6.99
GPDMA1
0.48
0.43
0.38
0.35
GPDMA2
0.75
0.67
0.6
0.55
GTZC1
0.98
0.85
0.79
0.71
ICACHE
0.78
0.67
0.62
0.56
RAMCFG
0.57
0.5
0.44
0.41
AHB1
0.43
0.4
0.36
0.34
AHB2
ADC12
2.16
1.89
1.73
1.56
μA/MHz
DAC1
1.28
1.12
1.02
0.92
DCMI
3.41
3
2.75
2.51
GPIOA
0.06
0.05
0.05
0.05
GPIOB
0.05
0.05
0.06
0.05
GPIOC
0.04
0.04
0.04
0.03
GPIOD
0.07
0.07
0.06
0.04
GPIOE
0.1
0.06
0.08
0.05
GPIOF
0.11
0.07
0.08
0.06
GPIOG
0.06
0.03
0.04
0.02
GPIOH
0.05
0.05
0.04
0.02
HASH1
1.1
0.96
0.88
0.8
PKA
5.03
4.41
4.04
3.66
RNG1
0.87
0.76
0.71
0.64
SRAM2
1.29
1.12
1.05
0.95
SRAM3
0.68
0.6
0.54
0.48
AHB2
1.45
1.28
1.18
1.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com