Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGI3 Datasheet(PDF) 64 Page - STMicroelectronics

No. de pieza STM32L4R5VGI3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGI3 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32L4R5VGI3 Datasheet HTML 60Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 61Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 62Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 63Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 64Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 65Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 66Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 67Page - STMicroelectronics STM32L4R5VGI3 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 306 page
background image
Functional overview
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
64/306
DocID030321 Rev 3
3.44.2
Embedded Trace Macrocell™
The Arm® Embedded Trace Macrocell provides a greater visibility of the instruction and data
flow inside the CPU core by streaming compressed data at a very high rate from the
STM32L4Rxxx devices through a small number of ETM pins to an external hardware trace
port analyzer (TPA) device. Real-time instruction and data flow activity be recorded and then
formatted for display on the host computer that runs the debugger software. TPA hardware
is commercially available from common development tool vendors.
The Embedded Trace Macrocell operates with third party debugger software tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More