Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SLCU6M Datasheet(PDF) 4 Page - Europa PLC

No. de pieza SLCU6M
Descripción Electrónicos  Metal-Clad Single-Phase Boards IP20
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUROPA [Europa PLC]
Página de inicio  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

SLCU6M Datasheet(HTML) 4 Page - Europa PLC

  SLCU6M Datasheet HTML 1Page - Europa PLC SLCU6M Datasheet HTML 2Page - Europa PLC SLCU6M Datasheet HTML 3Page - Europa PLC SLCU6M Datasheet HTML 4Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Europa House, Airport Way, Luton, Bedfordshire, LU2 9NH
Technical: 01582 692 444 technical@europa-plc.com
www.europa-plc.com
Data Sheet
EDS1374-005
Page 4 of 4
EUR PA
SENTINEL RANGE Consumer Units
Metal-Clad Single-Phase Boards IP20
Unit Characteristics
Rated and operational voltage (Un / Ue)
230V AC at 50Hz
Rated impulse withstand voltage (Uimp)
4kV
Rated current of Assembly (lnA)
100A, 63A, 40A
Rated frequency (fn)
50Hz
Degree of Protection
IP20
Mechanical Impact Protection
IK05
Note: Rated diversity factor (RDF) only applies to continuously and simultaneously loaded circuits.
Type A Distribution Board for use by ordinary persons.
Device
Standard
Consumer Unit
BS EN 61439-3 / EN 61439-3
Main Switch
BS EN 60947-3 / EN 60947-3
RCCB
BS EN 61008-1 / EN 61008-1
MCB
BS EN 60898-1 / EN 60898-1
RCBO
BS EN 61009-1 / EN 61009-1
Standards
Number of Outgoing
Ways
Assumed loading factor
2 & 3
0.8
4 & 5
0.7
6 to 9
0.6
10+
0.5
Diversity Factors
as per BS EN 61439-3
Device
Max Cable
Capacity
(mm2)
Recommended
Tightening
Torque (Nm)
Main Switch / RCCBs
35
2.5
MCBs
16
2.0
1 Pole RCBO
16
In 2.0 | Out 1.2
Earth and Neutral Terminals
25
2.0
Cable and Torque Settings
ENSURE THAT THESE INSTRUCTIONS ARE MADE AVAILABLE TO THE END USER FOR FUTURE REFERENCE
Fitting the Busbar
Fully open the terminals and insert the busbar within the
clamp correctly.
Ensure that the widest pin is inserted to the main switch
or the RCCB which is feeding the downstream MCBs.
The busbar cover provided has a raised lip on one side
which provides finger protection when the busbar is
installed. Ensure that this lip is facing up when installing
the busbar. Ensure the end caps provided are used to
fully cover the busbar when installed.
WARNING! ALL CONNECTIONS, INCLUDING
FACTORY-MADE, MUST BE CHECKED FOR THE
CORRECT INSTALLATION AND TIGHTNESS,
PRIOR TO THE COMMISSIONING OF THE
ELECTRICAL INSTALLATION.
Widest pin to be
installed in the main
switch or an RCCB
feeding MCBs
Raised lip for
finger protection
End cap



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com