Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SLCU6M Datasheet(PDF) 2 Page - Europa PLC

No. de pieza SLCU6M
Descripción Electrónicos  Metal-Clad Single-Phase Boards IP20
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUROPA [Europa PLC]
Página de inicio  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

SLCU6M Datasheet(HTML) 2 Page - Europa PLC

  SLCU6M Datasheet HTML 1Page - Europa PLC SLCU6M Datasheet HTML 2Page - Europa PLC SLCU6M Datasheet HTML 3Page - Europa PLC SLCU6M Datasheet HTML 4Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Europa House, Airport Way, Luton, Bedfordshire, LU2 9NH
Technical: 01582 692 444 technical@europa-plc.com
www.europa-plc.com
Data Sheet
EDS1374-005
Page 2 of 4
EUR PA
SENTINEL RANGE Consumer Units
Metal-Clad Single-Phase Boards IP20
Unit Dimensions
Part Number
W
W1
H
H1
SLCU6M
161
111
235
165
SLCU8M
197
132
SLCU10M
233
168
SLCU12M
279
203
SLCU14M
305
240
SLCU16M
341
276
SLCU18M
377
312
SLCU18MM
SLCU20M
431
366
SLCU20MM
SLCU14DS
305
240
SLCU16DS
341
276
SLCU18DS
377
312
SLCU20DS
431
366
SLCU24DS-DT
279
203
465
395
SLCU24M-DT
SLCU24MM-DT
SLCU36DS-DT
377
312
SLCU36M-DT
SLCU36MM-DT
SLCU16DS-FL01
341
276
235
165
SLCU20DS-FL01
431
366
SLCU18DS-SPD-FL01
377
312
SLCU20DS-SPD-FL01
431
366
Part Number Breakdown
-
-
S
U
C
L
Number of modules:
6, 8, 10, 12, 14, 16, 18,
20, 24, 36
Sentinel Range of Metal
Consumer Units
Configuration (1):
M - Main Switch
MM - 2 x Main Switches
DS - Dual Split
Configuration (2):
DT - Double-Tier
SPD - SPD (Type 2) + MCB Included
Fully-loaded configuration:
FL01 - MCBs (6 - 40A) Included
Notes
This unit must be installed by a skilled or instructed person in accordance with the current BS 7671 IET Wiring Regulations
The product must be tested by skilled persons competent for verification after installation and before being put to service
Please ensure these instructions are available to the end user for future reference
Total load not to exceed the rating of the incoming main switch or RCCB
The total sum of the individual MCB ratings may exceed this value where there is an appropriate diversity factor on the installation (see diversity factor table
above)
It is important to ensure that all connections, including factory-made, must be checked for the correct installation and tightness, prior to the commissioning
of the electrical installation
This product is only suitable for indoor installation



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com