Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM2575N Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM2575N
Descripción Electrónicos  LM2575 1-A Simple Step-Down Switching Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LM2575N Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2575N Datasheet HTML 3Page - Texas Instruments LM2575N Datasheet HTML 4Page - Texas Instruments LM2575N Datasheet HTML 5Page - Texas Instruments LM2575N Datasheet HTML 6Page - Texas Instruments LM2575N Datasheet HTML 7Page - Texas Instruments LM2575N Datasheet HTML 8Page - Texas Instruments LM2575N Datasheet HTML 9Page - Texas Instruments LM2575N Datasheet HTML 10Page - Texas Instruments LM2575N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Internal
Regulator
ON/OFF
_
+
_
+
1.23-V
Band-Gap
Reference
52-kHz
Oscillator
Reset
Thermal
Shutdown
Current
Limit
FEEDBACK
7
CIN
+
VIN
6
Unregulated
DC Input
GND
5, 12, 13
OUTPUT
3
ON/OFF
9
COUT
+
D1
L
O
A
D
VOUT
1-A
Switch
Driver
Fixed-Gain
Error Amp
Comparator
R2
R1
R1 = Open, R2 = 0
Ω
L1
LM2575
www.ti.com
SLVS569F – JANUARY 2005 – REVISED AUGUST 2015
7 Detailed Description
7.1 Overview
The LM2575 provides all the active functions needed for a step-down (buck) switching regulator in an integrated
circuit. The wide input-voltage range is 4.75 V to 40 V. The output voltage is programmable by two external
resistors. No external frequency compensation is needed. The integrated switch is capable of delivering 1 A of
load current, with excellent line and load regulation. The fixed 52-kHz output has cycle-by-cycle current limiting,
and thermal shutdown. In addition, a manual shutdown is available through an external ON/OFF pin.
The LM2575 is characterized for operation over the virtual junction temperature range of –40°C to 125°C.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Feedback Connection
FEEDBACK must be connected between the two programming resistors. Again, both of these resistors must be
in close proximity to the regulator, and each must be less than 100 k
Ω to minimize noise pickup.
7.3.2 ON/OFF Input
ON/OFF should be grounded or be a low-level TTL voltage (typically < 1.6 V) for normal operation. To shut down
the LM2575 device and place in standby mode, a high-level TTL or CMOS voltage should be supplied to this pin.
ON/OFF must not be left open and safely can be pulled up to VIN with or without a pullup resistor.
7.3.3 Fault Protection
In the event of an output short or an overload condition, self-protection features lower the oscillator frequency to
approximately 18 kHz and the minimum duty cycle from 5% to approximately 2%. The resulting output voltage
drops to approximately 40% of its nominal value, causing the average power dissipated by the IC to lower.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20