Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM2575N Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza LM2575N
Descripción Electrónicos  LM2575 1-A Simple Step-Down Switching Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LM2575N Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2575N Datasheet HTML 5Page - Texas Instruments LM2575N Datasheet HTML 6Page - Texas Instruments LM2575N Datasheet HTML 7Page - Texas Instruments LM2575N Datasheet HTML 8Page - Texas Instruments LM2575N Datasheet HTML 9Page - Texas Instruments LM2575N Datasheet HTML 10Page - Texas Instruments LM2575N Datasheet HTML 11Page - Texas Instruments LM2575N Datasheet HTML 12Page - Texas Instruments LM2575N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
V
= V
OUT
REF
1 +
(
(
R2
R1
LM2575
www.ti.com
SLVS569F – JANUARY 2005 – REVISED AUGUST 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The limited component count and internal frequency compensation makes the LM2575 easy use. Output voltage
is set by two external resistors.
where
•
VREF = 1.23 V
(1)
8.2 Typical Application
Figure 11. Buck Regulator With User Programmable Output Voltage
8.2.1 Design Requirements
Output voltage is set by R1 and R2. Output voltage must be between VREF and (VIN[minimum] – VSAT) × Duty
Cycle [maximum].
VSAT maximum and duty cycle maximum are specified in the Electrical Characteristics table.
8.2.2 Detailed Design Procedure
8.2.2.1 Input Capacitor (CIN)
For stability concerns, an input bypass capacitor (electrolytic, CIN ≥ 47 μF) must be located as close as possible
to the regulator. For operating temperatures below –25°C, CIN may need to be larger in value. In addition,
because most electrolytic capacitors have decreasing capacitances and increasing ESR as temperature drops,
adding a ceramic or solid tantalum capacitor in parallel increases the stability in cold temperatures.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com