Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EGC2016AFM Datasheet(PDF) 61 Page - Eaton All Rights Reserved.

No. de pieza EGC2016AFM
Descripción Electrónicos  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EATON [Eaton All Rights Reserved.]
Página de inicio  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFM Datasheet(HTML) 61 Page - Eaton All Rights Reserved.

Back Button EGC2016AFM Datasheet HTML 55Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 56Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 57Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 58Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 59Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 60Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 61Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 62Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 63Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-61
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Product Selection
Manual Transfer Switches—UL 98 Standard 1
Notes
1 All ratings, 100–1200A, are UL 98 listed. Switches are to be UL 1008 listed in 2011.
2 Line or load (top or bottom); for both line and load, order two kits.
3 Low level auxiliary contact—gold plated for minimal resistance—for PLC applications.
Ampere
Rating
Number
of Poles
Switch
Body Only 1
Direct
Handle (Black)
External Three-
Position Handle
(Choose One)
Shaft Extensions for
External Handle
In (mm)
(Choose One)
Bridging
Bars
Auxiliary
Contacts
Terminal
Screens 2
100
3
RMTS3100U
DHMTSSL
Size 2, Black
I–0–II
Type 4/4X
PHB2N4X3P
Size 2, Red
I–0–II
Type 4/4X
PHR2N4X3P
7.90 (200.6)
SF200PH10X10
12.60 (320.0)
SF320PH10X10
15.70 (398.8)
SF400PH10X10
3P
BB3P200
4P
BB4P200
NO/NC
AC1NONCMTS400
Low level
AC1NONCMTS400LL 3
3P
TS3MTS200TB
4P
TS4MTS200TB
4
RMTS4100U
200
3
RMTS3200U
4
RMTS4200U
400
3
RMTS3400U
Size 3, Black
I–0–II
Type 4/4X
PHB3N4X3P
Size 3, Red
I–0–II
Type 4/4X
PHR3N4X3P
7.90 (200.6)
SF200PH15X12
12.60 (320.0)
SF320PH15X12
15.70 (398.8)
SF400PH15X12
3P
BB3P400
4P
BB4P400
3P
TS3MTS400TB
4P
TS4MTS400TB
4
RMTS4400U
600
3
RMTS3600U
DHMTSDL
Size 4, Black
I–0–II
Type 4/4X
PHB4N4X3P
Size 4, Red
I–0–II
Type 4/4X
PHR4N4X3P
3P
BB3P600
4P
BB4P600
NO/NC
contact
standard
3P
TS3MTS600
4P
TS4MTS600
4
RMTS4600U
800
3
RMTS3800U
DHMTSDLM
3P
BB3P1200
4P
BB4P1200
3P
TS3MTS1200
4P
TS4MTS1200
4
RMTS4800U
1200
3
RMTS31200U
4
RMTS41200U
+
++
Switch body
Direct handle
Switch body
Shaft
External handle
+
+
+
Direct Operation
External Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com