Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EGC2016AFM Datasheet(PDF) 31 Page - Eaton All Rights Reserved.

No. de pieza EGC2016AFM
Descripción Electrónicos  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EATON [Eaton All Rights Reserved.]
Página de inicio  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFM Datasheet(HTML) 31 Page - Eaton All Rights Reserved.

Back Button EGC2016AFM Datasheet HTML 27Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 28Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 29Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 30Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 31Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 32Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 33Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 34Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 35Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-31
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
D Curve (10–20X In Current Rating)—Designed for Inductive
Loads 1
D Curve (10–20X In Current Rating)—Designed for Inductive
Loads, continued 1
Notes
1 In North America, these switches are UL recognized and CSA Certified as supplementary
protection devices. Per the intent of NEC (National Electrical Code), Article 240, and CEC
(Canadian Electrical Code), Part 1 C22.1, supplementary breakers cannot be used as a
substitute for the branch circuit protective device. They can be used to provide overcurrent
protection within an appliance or other electrical equipment where branch circuit overcurrent
protection is already provided, or is not required.
2 Option for single packaging on single-pole B, C and D curves only; add suffix SP when
ordering.
3 IEC 60947-2 only.
Amperes
Single-Pole 2
Catalog Number
Two-Pole
Catalog Number
Three-Pole
Catalog Number
0.5
FAZ-D0.5/1-SP
FAZ-D0.5/2
FAZ-D0.5/3
1
FAZ-D1/1-SP
FAZ-D1/2
FAZ-D1/3
2
FAZ-D2/1-SP
FAZ-D2/2
FAZ-D2/3
3
FAZ-D3/1-SP
FAZ-D3/2
FAZ-D3/3
4
FAZ-D4/1-SP
FAZ-D4/2
FAZ-D4/3
5
FAZ-D5/1-SP
FAZ-D5/2
FAZ-D5/3
6
FAZ-D6/1-SP
FAZ-D6/2
FAZ-D6/3
7
FAZ-D7/1-SP
FAZ-D7/2
FAZ-D7/3
8
FAZ-D8/1-SP
FAZ-D8/2
FAZ-D8/3
10
FAZ-D10/1-SP
FAZ-D10/2
FAZ-D10/3
13
FAZ-D13/1-SP
FAZ-D13/2
FAZ-D13/3
15
FAZ-D15/1-SP
FAZ-D15/2
FAZ-D15/3
16
FAZ-D16/1-SP
FAZ-D16/2
FAZ-D16/3
20
FAZ-D20/1-SP
FAZ-D20/2
FAZ-D20/3
25
FAZ-D25/1-SP
FAZ-D25/2
FAZ-D25/3
30
FAZ-D30/1-SP
FAZ-D30/2
FAZ-D30/3
32
FAZ-D32/1-SP
FAZ-D32/2
FAZ-D32/3
40
FAZ-D40/1-SP
FAZ-D40/2
FAZ-D40/3
50 3
FAZ-D50/1-SP
FAZ-D50/2
FAZ-D50/3
63 3
FAZ-D63/1-SP
FAZ-D63/2
FAZ-D63/3
Amperes
Four-Pole
Single-Pole
+ Neutral
Three-Pole
+ Neutral
0.5
FAZ-D0.5/4
FAZ-D0.5/1N
FAZ-D0.5/3N
1
FAZ-D1/4
FAZ-D1/1N
FAZ-D1/3N
2
FAZ-D2/4
FAZ-D2/1N
FAZ-D2/3N
3
FAZ-D3/4
FAZ-D3/1N
FAZ-D3/3N
4
FAZ-D4/4
FAZ-D4/1N
FAZ-D4/3N
5
FAZ-D5/4
FAZ-D5/1N
FAZ-D5/3N
6
FAZ-D6/4
FAZ-D6/1N
FAZ-D6/3N
7
FAZ-D7/4
FAZ-D7/1N
FAZ-D7/3N
8
FAZ-D8/4
FAZ-D8/1N
FAZ-D8/3N
10
FAZ-D10/4
FAZ-D10/1N
FAZ-D10/3N
13
FAZ-D13/4
FAZ-D13/1N
FAZ-D13/3N
15
FAZ-D15/4
FAZ-D15/1N
FAZ-D15/3N
16
FAZ-D16/4
FAZ-D16/1N
FAZ-D16/3N
20
FAZ-D20/4
FAZ-D20/1N
FAZ-D20/3N
25
FAZ-D25/4
FAZ-D25/1N
FAZ-D25/3N
30
FAZ-D30/4
FAZ-D30/1N
FAZ-D30/3N
32
FAZ-D32/4
FAZ-D32/1N
FAZ-D32/3N
40
FAZ-D40/4
FAZ-D40/1N
FAZ-D40/3N
50 3
FAZ-D50/4
FAZ-D50/1N
FAZ-D50/3N
63 3
FAZ-D63/4
FAZ-D63/1N
FAZ-D63/3N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com