Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

0899320 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 0899320
Descripción Electrónicos  E PX A 250X600X121 - Empty enclosure
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899320 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0899320 Datasheet HTML 1Page - PHOENIX CONTACT 0899320 Datasheet HTML 2Page - PHOENIX CONTACT 0899320 Datasheet HTML 3Page - PHOENIX CONTACT 0899320 Datasheet HTML 4Page - PHOENIX CONTACT 0899320 Datasheet HTML 5Page - PHOENIX CONTACT 0899320 Datasheet HTML 6Page - PHOENIX CONTACT 0899320 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Empty enclosure, material: Glass-fiber-reinforced polyester with added graphite, black, 250 mm
x 600 mm x 121 mm, type of locking: Screw-on cover
Commercial data
Item number
0899320
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BH91
Product key
BH9142
GTIN
4055626275895
Weight per piece (including packing)
99.99 g
Weight per piece (excluding packing)
99.99 g
Customs tariff number
85389099
Country of origin
IN
E PX A 250X600X121 - Empty enclosure
0899320
https://www.phoenixcontact.com/us/products/0899320
Aug 25, 2025, 4:40AM
Page 1 (7)


Número de pieza similar - 0899320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
0899321 PHOENIX-0899321 Datasheet
316Kb / 5P
E PX A 360X360X91 - Empty enclosure
0899322 PHOENIX-0899322 Datasheet
250Kb / 5P
E PX A 405X400X121 - Empty enclosure
0899323 PHOENIX-0899323 Datasheet
316Kb / 5P
E PX A 405X400X201 - Empty enclosure
0899324 PHOENIX-0899324 Datasheet
230Kb / 4P
D PX A 177X177X145 - Empty enclosure
0899325 PHOENIX-0899325 Datasheet
377Kb / 5P
D PX A 360X177X145 - Empty enclosure
More results

Descripción similar - 0899320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
RS232 Empty Housing
logo
PHOENIX CONTACT
2702228 PHOENIX-2702228 Datasheet
116Kb / 6P
LED enclosure light - PLD E 608 W 315/E
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
Schneider Electric
XAPE901 SCHNEIDER-XAPE901 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 10, 2022
XAPE905 SCHNEIDER-XAPE905 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 10, 2022
XAPA1101 SCHNEIDER-XAPA1101 Datasheet
109Kb / 2P
empty control station - XAP-A - plastic - 1 opening
Feb 25, 2022
XAPE902 SCHNEIDER-XAPE902 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
XAPE903 SCHNEIDER-XAPE903 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
XAPE904 SCHNEIDER-XAPE904 Datasheet
128Kb / 3P
empty flush mounted box - XAP-E - insulated material - without opening - IP 65
Feb 25, 2022
logo
PHOENIX CONTACT
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com