Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

0899320 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza 0899320
Descripción Electrónicos  E PX A 250X600X121 - Empty enclosure
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899320 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0899320 Datasheet HTML 1Page - PHOENIX CONTACT 0899320 Datasheet HTML 2Page - PHOENIX CONTACT 0899320 Datasheet HTML 3Page - PHOENIX CONTACT 0899320 Datasheet HTML 4Page - PHOENIX CONTACT 0899320 Datasheet HTML 5Page - PHOENIX CONTACT 0899320 Datasheet HTML 6Page - PHOENIX CONTACT 0899320 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
General
Prepared for direct installation of a DIN rail
Product properties
Product type
Terminal box
Type
Ex empty enclosure with cover
Insulation characteristics
Protection class
II
Dimensions
Dimensional drawing
Width
250 mm
Height
600 mm
Depth
121 mm
Clearance width, maximum DIN rail length
581 mm
max. assembly length
562 mm
Material specifications
Color
black
Material
Glass-fiber-reinforced polyester with added graphite
Flammability rating according to UL 94
V0
Seal material
Silicon
Components
halogen-free
Mechanical properties
General
Type of locking (GRP)
Screw-on cover Plus/minus screw
Environmental and real-life conditions
Degree of protection (IP code)
Degree of protection
IP66
Ambient conditions
Ambient temperature (operation)
-55 °C ... 127 °C
Mounting
E PX A 250X600X121 - Empty enclosure
0899320
https://www.phoenixcontact.com/us/products/0899320
Aug 25, 2025, 4:40AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com