Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAS16QB Datasheet(PDF) 30 Page - Nexperia B.V. All rights reserved

No. de pieza BAS16QB
Descripción Electrónicos  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 30 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 26Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 27Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 28Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 29Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 30Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 31Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 32Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 33Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 34Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 234 page
background image
Low VCEsat transistors single PNP up to 750 mW
Automotive-qualified
Package
SOT23
SOT323
(SC-70)
SOT363
(SC-88)
DFN1006-3
(SOT883)
DFN1006B-3
(SOT883B)
DFN1010D-3
(SOT1215)
Size (mm)
2.9 x 1.3
x 1.0
2.0 x 1.25
x 0.95
2.0 x 1.25
x 0.95
1.0 x 0.6
x 0.48
1.0 x 0.6
x 0.37
1.1 x 1.0
x 0.37
Ptot (mW)
480
350
430
250
250
750
V
CEO
(V)
I
C
(A)
I
CM
(A)
h
FE
min/typ
@ I
C
(A)
@ V
CE
(V)
V
CEsat typ (mV);
I
C = 0.5 A; IB =
0�05 A
15
0.5
1
200 / 260
0.01
2
150
PBSS3515M
PBSS3515MB
20
1
2
300 / 450
0.1
2
125 2)
PBSS5120T
2
3
225 / –
0.5
2
80 2)
PBSS5220T
5
220 / 420
0.5
2
50
PBSS5320T
3.5
8
250 / 400
0.5
2
35
PBSS4021PT
30
1
1.5
180 / 295
0.5
2
85
PBSS5130QA
3
260 / 350
0.5
2
110
PBSS5130T
2
300 / 450
0.1
2
70
PBSS5230T
180 / 295
0.5
2
70
PBSS5230QA
2.4
5
200 / 320
0.5
2
95
PBSS4032PT 3)
40
0.5
1
200 / 380
0.01
2
220
PBSS3540M
PBSS3540MB
1
2
300 / 520
0.1
5
130
PBSS5140U
300 / 800
0.1
5
130
PMMT591A
300 / 510
0.1
5
130
PBSS5140T
2
3
300 / –
0.1
2
110 2)
PBSS5240Y
300 / 450
0.1
2
70
PBSS5240T
50
2
3
200 / –
0.5
2
90 2)
PBSS5250T
PBSS5250TH
3
3
200 / –
0.5
2
90 2)
PBSS5350TH
5
200 / 360
0.5
2
55
PBSS5350T
60
1
1.5
120 / 185
0.5
2
125
PBSS5160QA
2
150 / 250
0.5
5
135
PBSS5160U
150 / 250
0.5
5
120
PBSS5160T
1.7
2.5
120 / 185
0.5
2
105
PBSS5260QA
2.7
8
200 / 300
0.5
2
49
PBSS4041PT
100
1
3
150 / –
0.25
5
93
PBSS9110Y
150 / 350
0.5
5
95
PBSS9110T
1)
IC / IB = 20 2) V
CEsat (max)
3)
Optimized for high-speed switching
Low V
CEsat transistors
Nexperia selection guide 2020
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com