Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAS16QB Datasheet(PDF) 99 Page - Nexperia B.V. All rights reserved

No. de pieza BAS16QB
Descripción Electrónicos  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 99 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 95Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 96Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 97Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 98Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 99Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 100Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 101Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 102Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 103Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 234 page
background image
Package
DFN1010D-3
(SOT1215)
DFN1010B-6
(SOT1216)
Size (mm)
1.1 x 1.0 x 0.37
1.1 x 1.0 x 0.37
P
tot (mW)
1000
350
Configuration
Polarity
V
DS
(V)
V
GS
(V)
I
D
(A)
V
GS(th)
min
(V)
V
GS(th)
max
(V)
t
on
typ
(ns)
t
off
typ
(ns)
Q
G typ
(nC)
ESD
protec-
tion
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V
4.5 V 2.5 V 1.8 V 1.5 V 1.2 V
Single
12
8
3.2
0.4
0.9
6
18
6.6
1
-
34
39
46
50
121
PMXB40UNE
20
8
3.2
0.5
0.9
6
17
5.7
1
-
42
48
56
64
-
PMXB43UNE
30
20
3.2
1
2
3
11
3.6
-
49
56
-
-
-
-
PMXB56EN
3.2
1
2.5
3
11
6
1
44
56
-
-
-
-
PMXB65ENE
80
20
 1.1
1.3
2.7
2
9
3
 2
345
390
-
-
-
-
PMXB360ENEA
12
8
3.2
0.4
1
6.2
27
6.7
1.5
-
59
78
120
198
880
PMXB65UPE
20
8
2.9
0.4
1
6
29
6.8
1
-
69
86
130
205
950
PMXB75UPE
1.2
0.45
0.95
3
18
1.25
1.5
-
350
450
600
760
1200
PMXB350UPE
30
20
2.4
1
2.5
4
16
6.2
1
100
125
-
-
-
-
PMXB120EPE
Dual
N-ch
20
8
0.6
0.45
0.95
5.6
19
0.4
1
-
470
620
845
1125 2210
PMDXB600UNE
30
8
0.59
0.45
0.95
4
12
0.6
2
-
550
660
770
890
-
PMDXB550UNE
60
20
0.26
1.1
2.1
4.7
6.9
1
2
2200 2500
-
-
-
-
NX7002BKXB
P-ch
20
8
0.5
0.45
0.95
2.3
13.5
1.19
1
-
1020 1270 1700 2300 3500
PMDXB950UPE
30
8
0.41
0.45
0.95
3
14
0.7
2
-
1200 1700 2100 3000
-
PMDXB1200UPE
Complementary
N
20
8
0.6
0.45
0.95
5.6
19
0.4
1
-
470
620
845
1125 2210
PMCXB900UE
P
20
8
0.5
0.45
0.95
2.3
13.5
1.19
1
-
1020 1270 1700 2300 3500
N
30
8
0.59
0.45
0.95
4
12
0.6
2
-
550
660
770
890
-
PMCXB1000UE
P
30
8
0.41
0.45
0.95
3
14
0.7
2
-
1200 1700 2100 3000
-
Small-signal MOSFETs
Small-signal MOSFETs in DFN1010D-3 single and DFN1010B-3 dual packages
Small-signal low-leakage MOSFETs
Package
DFN1006-3
(SOT883)
DFN1006B-3
(SOT883B)
DFN1010B-6
(SOT1216)
Size (mm)
1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
1.1 x 1.0 x 0.37
P
tot (mW)
250
250
350
Config.
Polarity
V
DS
(V)
V
GS
(V)
I
D
(A)
V
GS(th)
min
(V)
V
GS(th)
max
(V)
I
DSS
max
(nA)
I
GSS
max
(nA)
ESD
Protection
(kV)
R
DS(on) typ (mΩ) @ VGS =
4�5
V
2�5
V
1�8
V
1�5
V
1�2
V
Single
N
20
8
0.6
0.45
0.95
25
50
1
470
620
845
1125
2210
PMZ600UNEL
PMZB600UNEL
P
20
8
0.5
0.45
0.95
25
50
1
1020
1270
1700
2300
3500
PMZ950UPEL
PMZB950UPEL
Dual
N
20
8
0.6
0.45
0.95
25
50
1
470
620
845
1125
2210
PMDXB600UNEL
P
20
8
0.5
0.45
0.95
25
50
1
1020
1270
1700
2300
3500
PMDXB950UPEL
Compl.
N
20
8
0.6
0.45
0.95
25
50
1
470
620
845
1125
2210
PMCXB900UEL
P
20
8
0.5
0.45
0.95
25
50
1
1020
1270
1700
2300
3500
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com