Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAS16QC Datasheet(PDF) 49 Page - Nexperia B.V. All rights reserved

No. de pieza BAS16QC
Descripción Electrónicos  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QC Datasheet(HTML) 49 Page - Nexperia B.V. All rights reserved

Back Button BAS16QC Datasheet HTML 45Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 46Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 47Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 48Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 49Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 50Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 51Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 52Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 53Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 234 page
background image
49
49
Switching diodes
Controlled avalanche switching diodes
Low leakage current switching diodes
Automotive-qualified
Package
SOT23
SOT143B
Size (mm)
2.9 x 1.3 x 1.0
2.9 x 1.3 x 1.0
P
tot (mW)
250
250
60
1
200
100
9
600
2.5
6
BAS56
90
1
200
100
10
600
35
50
BAS29
BAS31
BAS35
Automotive-qualified
Package
SOD80C
(MiniMelf)
SOD68
(DO-34)
SOT23
SOD123
SOD123F
SOT323
(SC-70)
SOD323
(SC-76)
SOD523
(SC-79)
DFN1010D-3
(SOT1215)
DFN1006-3
(SOT883)
DFN1006-2
(SOD882)
Size
(mm)
3.5 x 1.5 x
1.5
3.04 x 1.6
x 0.55
2.9 x 1.3
x 1.0
2.7 x 1.6
x 1.2
2.6 x 1.6
x 1.1
2.0 x 1.25
x 0.95
1.7 x 1.25
x 0.95
1.2 x 0.8
x 0.6
1.1 x 1.0
x 0.37
1.0 x 0.6
x 0.48
1.0 x 0.6
x 0.48
P
tot (mW)
400
300
250
380
375
250
250
250
305
250
250
75
1
10
5
3
BAS116GW BAS116H
BAS416
BAS716
BAS116L
BAS116
BAS116QA
BAV199
BAV199W
BAW156
BAV170
BAV170QA
BAV170M
125
1
100
1
1.5
typ
BAS45AL
BAS45A
bra036
bra048
bra041
bra143
bra046
bra036
bra037
bra048
bra041
bra143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com