Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAS16QC Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

No. de pieza BAS16QC
Descripción Electrónicos  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QC Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button BAS16QC Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 10Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 11Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 12Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 13Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 14Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 15Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 16Page - Nexperia B.V. All rights reserved BAS16QC Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 234 page
background image
New products
MOSFETs
Category
Device
Description
Page
Power MOSFETs
PSMN1R5-25MLH
N-channel 25 V, 1.81 mΩ, logic level MOSFET in LFPAK33
92
PSMN1R6-30MLH
N-channel 30 V, 1.9 mΩ, 160 A logic level MOSFET in LFPAK33
92
PSMN1R8-30MLH
N-channel 30 V, 2.1 mΩ, 150 A logic level MOSFET in LFPAK33
92
PSMNR70-40SSH
N-channel 40 V, 0.7 mΩ, standard level MOSFET in LFPAK88
92
PSMNR90-40SSH
N-channel 40 V, 0.9 mΩ, standard level MOSFET in LFPAK88
92
PSMN1R0-40SSH
N-channel 40 V, 1 mΩ, standard level MOSFET in LFPAK88
92
PSMNR90-40YLH
N-channel 40 V, 0.94 mΩ, logic level MOSFET in LFPAK56E
93
PSMN1R0-40YSH
N-channel 40 V, 1 mΩ, standard level MOSFET in LFPAK56E
93
PSMN1R5-40YSD
N-channel 40 V, 1.5 mΩ, standard level MOSFET in LFPAK56
93
PSMN1R7-40YLD
N-channel 40 V, 1.8 mΩ, logic level MOSFET in LFPAK56
93
PSMN1R9-40YSD
N-channel 40 V, 1.9 mΩ, standard level MOSFET in LFPAK56
93
PSMN2R0-40YLD
N-channel 40 V, 2.1 mΩ,logic level MOSFET in LFPAK56
93
PSMN2R2-40YSD
N-channel 40 V, 2.2 mΩ, standard level MOSFET in LFPAK56
93
PSMN2R5-40YLD
N-channel 40 V, 2.6 mΩ, logic level MOSFET in LFPAK56
93
PSMN2R8-40YSD
N-channel 40 V, 2.8 mΩ, standard level MOSFET in LFPAK56
93
PSMN3R2-40YLD
N-channel 40 V, 3.3 mΩ, logic level MOSFET in LFPAK56
93
PSMN3R5-40YSD
N-channel 40 V, 3.5 mΩ, standard level MOSFET in LFPAK56
93
PSMN6R7-40MSD
N-channel 40 V, 6.7 mΩ standard level MOSFET in LFPAK33
93
PSMN011-100YSF
N-channel 100 V, 10.9 mΩ, standard level MOSFET in LFPAK56
96
Small-signal MOSFETs
PMH600UNE
N-channel 20 V, 620 mΩ, Small signal MOSFET in DFN0606-3
98
PMH550UNE
N-channel 30 V, 670 mΩ, Small signal MOSFET in DFN0606-3
98
NX7002BKH
N-channel 60 V, 2800 mΩ, Small signal MOSFET in DFN0606-3
98
PMH950UPE
P-channel 20 V, 1400 mΩ, Small signal MOSFET in DFN0606-3
98
PMH1200UPE
P-channel 20 V, 1600 mΩ, Small signal MOSFET in DFN0606-3
98
PMPB8XN
N-channel 20 V, 12 mΩ, Small signal MOSFET in DFN2020MD-6
100
PMPB10EN
N-channel 30 V, 12 mΩ, small signal MOSFET in DFN2020MD-6
100
PMPB13UP
P-channel 12 V, 16 mΩ, small signal MOSFET in DFN2020MD-6
100
PMPB15XP
P-channel 12 V, 19 mΩ small signal MOSFET in DFN2020MD-6
100
PMPB27EP
P-channel 30 V, 29 mΩ small signal MOSFET in DFN2020MD-6
100
PMPB16EP
P-channel 30 V, 20 mΩ small signal MOSFET in DFN2020MD-6
100
PMCM950ENE
N-channel 60 V, 41 mΩ small signal MOSFET in WLCSP9
101
PMV15UNEA
N-Channel 20 V, 19 mΩ Q101 qualified small signal MOSFET in SOT23
103
PMN20ENA
N-Channel 40 V, 23 mΩ Small Signal MOSFET in SOT457
103
PMN30ENEA
N-channel 40 V, 30 mΩ Q101 Small signal MOSFET in SOT457
103
PMN40ENA
N-channel 60 V, 43 mΩ Q101 small signal MOSFET in SOT457
103
PMV30ENEA
N-channel 40 V, 30 mΩ Q101 Small signal MOSFET in SOT23
103
PMV74EPE
P-channel 30 V, 90 mΩ small signal MOSFET in SOT23
105
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com