Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073MBY3 Datasheet(PDF) 67 Page - STMicroelectronics

No. de pieza STM32U073MBY3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBY3 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32U073MBY3 Datasheet HTML 63Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 64Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 65Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 66Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 67Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 68Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 69Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 70Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 146 page
background image
Table 44. Peripheral current consumption
Peripheral
Range 1
Range 2
Unit
AHB
Bus matrix(1)
0.40
0.40
μA/MHz
ADC
1.90
0.40
CRC
0.50
0.42
DMA1
5.44
4.52
DMA2
5.28
4.39
DMA1+DMA2
6.76
5.63
GPIOA(2)
0.08
0.07
GPIOB(2)
0.08
0.07
GPIOC(2)
0.07
0.06
GPIOD(2)
0.06
0.04
GPIOE(2)
0.05
0.04
GPIOF(2)
0.05
0.04
RNG
1.21
NA
TSC
2.72
2.26
ALL AHB bridges
18.1
15.1
APB
AHB to APB bridge(3)
0.27
0.21
RTCA
4.12
3.41
I2C1(4)
0.80
0.65
I2C1(5)
2.63
0.73
I2C2
0.94
0.77
I2C3(4)
0.66
0.54
I2C3(5)
2.20
0.61
I2C4
0.89
0.73
USART1(4)
8.64
7.19
USART1(5)
2.46
2.06
USART2(4)
2.23
1.85
USART2(5)
2.30
1.92
USART3(4)
2.32
1.93
USART3(5)
2.32
1.93
USART4
2.30
1.90
LPUART1(4)
1.47
1.22
LPUART1(5)
1.55
1.30
LPUART2(4)
5.01
4.18
LPUART2(5)
2.06
1.72
LPUART3(4)
1.92
1.58
LPUART3(5)
1.99
1.65
LPTIM1(4)
2.06
1.71
LPTIM1(5)
2.13
1.78
LPTIM2(4)
1.37
1.13
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 67/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More