Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073MBY3 Datasheet(PDF) 38 Page - STMicroelectronics

No. de pieza STM32U073MBY3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBY3 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32U073MBY3 Datasheet HTML 34Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 35Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 36Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 37Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 38Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 39Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 40Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 41Page - STMicroelectronics STM32U073MBY3 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 146 page
background image
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/
SYS_AF/
TIM1/2
I2C4/
LPTIM1/3/
TIM1/2/3
I2C2/4/
SYS_AF/
USART2
I2C1/2/3/4/
LPTIM3
I2C2/
SPI1/2
COMP1/
LPUART3/
SPI2/3
USART1/2/3
LPUART1/2/3/
USART4
TSC
CRS/
LPUART2/USB
LCD
COMP1/2/LC
D
-
LPTIM1/2/3/
TIM2/15/16
EVENTOUT
Port
B
PB12
-
TIM1_BKIN
-
-
-
SPI2_NSS
-
USART3_CK
LPUART1_RTS_DE
TSC_G1_IO1
-
LCD_SEG12
-
-
TIM15_BKIN
EVENTOUT
PB13
-
TIM1_CH1N
LPTIM3_IN1
-
I2C2_SCL
SPI2_SCK
-
USART3_CTS
LPUART1_CTS
TSC_G1_IO2
-
LCD_SEG13
-
-
TIM15_CH1N
EVENTOUT
PB14
-
TIM1_CH2N
LPTIM3_ETR
-
I2C2_SDA
SPI2_MISO
-
USART3_RTS/
USART3_DE
-
TSC_G1_IO3
-
LCD_SEG14
-
-
TIM15_CH1
EVENTOUT
PB15
RTC_REFIN
TIM1_CH3N
-
-
-
SPI2_MOSI
-
-
-
TSC_G1_IO4
-
LCD_SEG15
-
-
TIM15_CH2
EVENTOUT
Table 15. Port C alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/
SYS_AF/
TIM1/2
I2C4/
LPTIM1/3/
TIM1/2/3
I2C2/4/
SYS_AF/
USART2
I2C1/2/3/4/
LPTIM3
I2C2/SPI1/2
COMP1/
LPUART3/
SPI2/3
USART1/2/3
LPUART1/2/3/
USART4
TSC
CRS/
LPUART2/US
B
LCD
COMP1/2/
LCD
-
LPTIM1/2/3/
TIM2/15/16
EVENTOUT
Port
C
PC0
-
LPTIM1_IN1
I2C4_SCL
-
I2C3_SCL
-
-
-
LPUART1_RX
-
LPUART2_TX
LCD_SEG18
-
-
LPTIM2_IN1
EVENTOUT
PC1
-
LPTIM1_CH1
I2C4_SDA
-
I2C3_SDA
-
-
-
LPUART1_TX
-
LPUART2_RX
LCD_SEG19
-
-
-
EVENTOUT
PC2
MCO2
LPTIM1_IN2
-
-
-
SPI2_MISO
-
-
-
-
-
LCD_SEG20
-
-
-
EVENTOUT
PC3
-
LPTIM1_ETR
LPTIM3_CH1
-
-
SPI2_MOSI
-
-
USART4_CK
-
-
LCD_VLCD
-
-
LPTIM2_ETR
EVENTOUT
PC4
-
-
-
-
-
-
-
USART3_TX
LPUART3_TX
-
-
LCD_SEG22
-
-
-
EVENTOUT
PC5
-
-
-
-
LPTIM3_CH3
-
-
USART3_RX
LPUART3_RX
-
-
LCD_SEG23
-
-
-
EVENTOUT
PC6
-
-
TIM3_CH1
-
-
-
-
-
LPUART2_TX
TSC_G4_IO1
-
LCD_SEG24
-
-
-
EVENTOUT
PC7
-
-
TIM3_CH2
-
LPTIM3_CH4
-
-
-
LPUART2_RX
TSC_G4_IO2
-
LCD_SEG25
-
-
LPTIM2_CH2
EVENTOUT
PC8
-
-
TIM3_CH3
-
LPTIM3_CH1
-
-
-
-
TSC_G4_IO3
-
LCD_SEG26
-
-
-
EVENTOUT
PC9
-
-
TIM3_CH4
-
LPTIM3_CH2
-
-
-
-
TSC_G4_IO4
USB_NOE
LCD_SEG27
-
-
-
EVENTOUT
PC10
-
-
LPTIM3_ETR
-
-
-
SPI3_SCK
USART3_TX
USART4_TX
TSC_G3_IO2
-
LCD_COM4/
LCD_SEG28/
LCD_SEG48
-
-
-
EVENTOUT
PC11
-
-
LPTIM3_IN1
-
-
-
SPI3_MISO
USART3_RX
USART4_RX
TSC_G3_IO3
-
LCD_COM5/
LCD_SEG29/
LCD_SEG49
-
-
-
EVENTOUT
PC12
-
-
-
-
LPTIM3_CH3
-
SPI3_MOSI
USART3_CK
USART4_CK
-
-
LCD_COM6/
LCD_SEG30/
LCD_SEG50
-
-
-
EVENTOUT
PC13
-
-
LPTIM1_CH3
-
LPTIM3_CH3
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PC14
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PC15
OSC32_EN
OSC_EN
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More