Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073K8I6 Datasheet(PDF) 46 Page - STMicroelectronics

No. de pieza STM32U073K8I6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073K8I6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32U073K8I6 Datasheet HTML 42Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 43Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 44Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 45Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 46Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 47Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 48Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 49Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 146 page
background image
Symbol
Parameter
Conditions(1)
Min Typ Max Unit
VBOR2
Brownout reset threshold 2
Rising edge
2.26 2.31 2.35
V
Falling edge
2.16 2.20 2.24
VBOR3
Brownout reset threshold 3
Rising edge
2.56 2.61 2.66
V
Falling edge
2.47 2.52 2.57
VBOR4
Brownout reset threshold 4
Rising edge
2.85 2.90 2.95
V
Falling edge
2.76 2.81 2.86
VPVD0
Programmable voltage detector threshold 0
Rising edge
2.1 2.15 2.19
V
Falling edge
2
2.05
2.1
VPVD1
PVD threshold 1
Rising edge
2.26 2.31 2.36
V
Falling edge
2.15 2.20 2.25
VPVD2
PVD threshold 2
Rising edge
2.41 2.46 2.51
V
Falling edge
2.31 2.36 2.41
VPVD3
PVD threshold 3
Rising edge
2.56 2.61 2.66
V
Falling edge
2.47 2.52 2.57
VPVD4
PVD threshold 4
Rising edge
2.69 2.74 2.79
V
Falling edge
2.59 2.64 2.69
VPVD5
PVD threshold 5
Rising edge
2.85 2.91 2.96
V
Falling edge
2.75 2.81 2.86
VPVD6
PVD threshold 6
Rising edge
2.92 2.98 3.04
V
Falling edge
2.84 2.90 2.96
Vhyst_BORH0
Hysteresis voltage of BORH0
Hysteresis in continuous
mode
-
20
-
mV
Hysteresis in other mode
-
30
-
Vhyst_BOR_PVD
Hysteresis voltage of BORH (except BORH0)
and PVD
-
-
100
-
mV
IDD (BOR_PVD)(2)
BOR (except BOR0) and PVD consumption
from VDD(3)
-
-
1.1
1.6
µA
BOR(3) (except BOR0) and PVD average
consumption from VDD with ENULP = 1
-
-
55
1000
nA
VPVM1
VDDUSB peripheral voltage monitoring
-
1.18 1.22 1.26
V
VPVM3
VDDA peripheral voltage monitoring
Rising edge
1.61 1.65 1.69
V
Falling edge
1.6 1.64 1.68
VPVM4
VDDA peripheral voltage monitoring
Rising edge
1.78 1.82 1.86
V
Falling edge
1.77 1.81 1.85
Vhyst_PVM3
PVM3 hysteresis
-
-
10
-
mV
Vhyst_PVM4
PVM4 hysteresis
-
-
10
-
mV
IDD (PVM1)(2)
PVM1 consumption from VDD
-
-
0.2
-
µA
IDD (PVM3/PVM4)(2) PVM3 and PVM4 consumption from VDD
-
-
2
-
µA
1. Continuous mode means Run/Sleep modes, or temperature sensor enable in Low-power run/Low-power sleep modes.
2. Specified by design, not tested in production.
3. BOR0 is enabled in all modes (except shutdown) and its consumption is therefore included in the supply current
characteristics tables.
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 46/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com