Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073K8I6 Datasheet(PDF) 31 Page - STMicroelectronics

No. de pieza STM32U073K8I6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073K8I6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32U073K8I6 Datasheet HTML 27Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 28Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 29Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 30Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 31Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 32Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 33Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 34Page - STMicroelectronics STM32U073K8I6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 146 page
background image
4.2
Pin description
Table 11. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I/O
Input /output pin
I/O structure
FT
5V-tolerant I/O
TT
3.6V-tolerant I/O
RST
Bidirectional reset pin with embedded weak
pull-up resistor
Options for TT and FT I/Os
_a
I/O with analog switch function supplied by
VDDA
_f
I2C Fm+ capable I/O
_l
I/O with LCD function supplied by VLCD
_u
I/O with USB function, supplied by VDDUSB
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after
reset.
Pin functions
Alternate functions
Functions selected through GPIOx_AFR registers
Additional functions
Functions directly selected/enabled through peripheral registers
Table 12. STM32U073x8/B/C pin/ball definition
Pin Number
Pin name (function
after reset)
Note
Alternate functions
Additional functions
-
-
-
-
-
-
-
C3
PE3
I/O
FT
TIM3_CH1, EVENTOUT
-
-
B9
1
1
1
B2
3
B1
VBAT
S
-
-
-
-
D7
2
2
2
A2
4
E3
PC13
I/O
FT
(1)(2)
LPTIM1_CH3, LPTIM3_CH3, EVENTOUT
WKUP2, TAMP_IN1,
RTC_TS/RTC_OUT1
2
C12
3
3
3
A1
5
C2
PC14-OSC32_IN
I/O
FT
(1)(2)
EVENTOUT
OSC32_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com