Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073C8I6 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza STM32U073C8I6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073C8I6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32U073C8I6 Datasheet HTML 6Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 7Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 8Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 9Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 10Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 11Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 12Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 13Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 146 page
background image
Note:
When the functions supplied by VDDA are not used, this supply should preferably be shorted to VDD.
If these supplies are tied to ground, the I/Os supplied by these power supplies are not 5 V tolerant.
VDDIOx is the I/Os general purpose digital functions supply. VDDIOx represents VDDIO1, with VDDIO1 = VDD.
Figure 2. Power supply overview
Low voltage detector
VDDA
VDDA domain
VSS
VDD
VBAT
A/D converters
D/A converters
Comparators
Operational amplifiers
Voltage reference buffer
VDD domain
I/O ring
VSSA
Reset block
Temp. sensor
PLL, MSI, HSI48,
HSI16
Standby circuitry
(Wakeup logic,
IWDG)
Voltage regulator
VDDIO1
LSE crystal 32 K osc
BKP registers
RCC BDCR register
RTC
Backup domain
Core
Memories
Digital peripherals
VCORE domain
VCORE
USB transceivers
VDDUSB
VSS
3.6.2
Power supply supervisor
The device has an integrated power-on/power-down (POR/PDR) reset active in all power modes except
Shutdown and ensuring proper operation upon power-on and power-down. It maintains the device in reset when
the supply voltage is below VPOR/PDR threshold, without the need for an external reset circuit. Brownout reset
(BOR) function allows extra flexibility. It can be enabled and configured through option bytes, by selecting one of
four thresholds for rising VDD and other four for falling VDD.
The device also features an embedded programmable voltage detector (PVD) that monitors the VDD power
supply and compares it to VPVD threshold. It allows generating an interrupt when VDD level crosses the VPVD
threshold, selectively while falling, while rising, or while falling and rising. The interrupt service routine can then
generate a warning message and/or put the MCU into a safe state. The PVD is enabled by software.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 10/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com