Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073C8I6 Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza STM32U073C8I6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073C8I6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32U073C8I6 Datasheet HTML 17Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 18Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 19Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 20Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 21Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 22Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 23Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 24Page - STMicroelectronics STM32U073C8I6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
The main features of the touch sensing controller are the following:
•
Charge transfer acquisition principle
•
Up to 21 capacitive sensing channels
•
Up to three capacitive sensing channels can be acquired in parallel offering a very good response time
•
Five selectable thresholds (VIH, VREF, 3/4 VREF, 1/2 VREF, 1/4 VREF) using the digital threshold or the ultra-
low-power comparator
•
Spread spectrum feature to improve system robustness in noisy environments
•
Full hardware management of the charge transfer acquisition sequence
•
Programmable charge transfer frequency
•
Programmable sampling capacitor I/O pin
•
Programmable channel I/O pin
•
Programmable max count value to avoid long acquisition when a channel is faulty
•
Dedicated end of acquisition and max count error flags with interrupt capability
•
One sampling capacitor for up to three capacitive sensing channels to reduce the system components
•
Compatible with proximity, touchkey, linear and rotary touch sensor implementation
•
Designed to operate with the STMTouch touch sensing firmware library
Note:
The number of capacitive sensing channels is dependent on the size of the packages and subject to I/O
availability.
3.23
True random-number generator (RNG)
The RNG is a true random number generator that provides full entropy outputs to the application as 32-bit
samples. It is composed of a live entropy source (analog) and an internal conditioning component.
3.24
Timers and watchdogs
The device includes an advanced-control timer, six general-purpose timers, two basic timers, three low-power
timers, two watchdog timers and a SysTick timer. Table 7 compares features of the advanced-control, general-
purpose and basic timers.
Table 7. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Maximum
operating
frequency
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Compleme
ntary
outputs
Advanced-
control
TIM1
16-bit
Up, down,
up/down
56 MHz
Integer from
1 to 216
Yes
4
3
General
-purpose
TIM2
32-bit
Up, down,
up/down
56 MHz
Integer from
1 to 216
Yes
4
-
TIM3
16-bit
Up, down,
up/down
56 MHz
Integer from
1 to 216
Yes
4
-
TIM15
16-bit
Up
56 MHz
Integer from
1 to 216
Yes
2
1
TIM16
16-bit
Up
56 MHz
Integer from
1 to 216
Yes
1
1
Basic
TIM6 and
TIM7
16-bit
Up
56 MHz
Integer from
1 to 216
Yes
-
-
Lower-
power
LPTIM1,
LPTIM2,
and LPTIM3
16-bit
Up
56 MHz
2n where
n = 0 to 7
No
N/A
-
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 21/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com