Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073KBI6 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STM32U073KBI6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073KBI6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32U073KBI6 Datasheet HTML 4Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 5Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 6Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 7Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 8Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 9Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 10Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 11Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 146 page
background image
3.4
Memories
3.4.1
Embedded flash memory
STM32U073x8/B/C devices feature up to 256 Kbytes of embedded flash memory available for storing code and
data.
Flexible protections can be configured thanks to option bytes:
•
Robust readout protection (RDP) with password-based regression (128-bit PSWD). Three protections level
states are available:
–
Level 0: no readout protection
–
Level 1: memory readout protection: the flash memory cannot be read from or written to if either
debug features are connected, boot in RAM or bootloader is selected
–
Level 2: chip readout protection: debug features (Cortex-M0+ serial wire), boot in RAM and
bootloader selection are disabled. This selection is irreversible.
Refer to Table 2 for the memory area access versus the RDP protection level.
•
Write protection (WRP): the protected area is protected against erasing and programming. Two areas per
bank can be selected, with 2-Kbyte granularity.
Table 2. Access status versus readout protection level and execution modes
Area
Protection
level
User execution
Debug, boot from RAM or boot from
system memory (loader)
Read
Write
Erase
Read
Write
Erase
User memory
1
Yes
Yes
Yes
No
No
No
2
Yes
Yes
Yes
N/A
N/A
N/A
System
memory
1
Yes
No
No
Yes
No
No
2
Yes
No
No
N/A
N/A
N/A
Option
memory
1
Yes
Yes
Yes
Yes
Yes
Yes
2
Yes
No
No
N/A
N/A
N/A
Backup
memory
1
Yes
Yes
N/A(1)
No
No
N/A(1)
2
Yes
Yes
N/A
N/A
N/A
N/A
1. Erased upon RDP change from Level 1 to Level 0.
The whole nonvolatile memory embeds the error correction code (ECC) feature supporting:
•
Single error detection and correction
•
Double error detection
•
Readout of the ECC fail address from the ECC register
Securable area
A part of the flash memory can be hidden from the application once the code it contains is executed. As soon as
the security is enabled on the securable area through the FLASH_HDPCR and FLASH_SECR registers, the
securable memory cannot be accessed until the system resets. The securable area generally contains the secure
boot code to execute only once at boot. This helps to isolate secret code from untrusted application code.
3.4.2
Embedded SRAM
STM32U073x8/B/C devices have 40-Kbyte SRAM with hardware parity check. Hardware parity check allows
memory data errors to be detected, which contributes to increasing functional safety of applications.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 8/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com