Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073KBI6 Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza STM32U073KBI6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073KBI6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32U073KBI6 Datasheet HTML 8Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 9Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 10Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 11Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 12Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 13Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 14Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 15Page - STMicroelectronics STM32U073KBI6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 146 page
background image
3.7
Low-power modes
By default, the microcontroller is in Run mode after system or power reset. It is up to the user to select one of the
low-power modes described below:
•
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can wake up the CPU
when an interrupt/event occurs.
•
Low-power run mode
This mode is achieved with VCORE supplied by the low-power regulator to minimize the regulator operating
current. The code can be executed from SRAM or from flash, and the CPU frequency is limited to 2 MHz.
The peripherals with independent clock can be clocked by HSI16.
•
Low-power sleep mode
This mode is entered from the low-power run mode. Only the CPU clock is stopped. When the wake-up is
triggered by an event or an interrupt, the system reverts to the Low-power run mode.
•
Stop 0, Stop 1, and Stop 2 modes
The Stop modes achieve a lowest power consumption while retaining the content of SRAM and registers.
All the clocks in the VCORE domain are stopped, the PLL, the MSI RC, the HSI16 RC and the HSE crystal
oscillators are disabled. The LSE and LSI clocks are still running.
The RTC can remain active (Stop mode with RTC, Stop mode without RTC).
Some peripherals with the wake-up capability can enable the HSI16 RC during Stop mode, to detect their
wake-up condition.
Three Stop modes are available, Stop 0, Stop 1 and Stop2:
–
In Stop2 mode, most of the VCORE domain is put in lower-leakage mode.
–
Stop 1 offers the largest number of active peripherals and wake-up sources, a smaller wake-up time,
but with a higher consumption than Stop 2 mode.
–
In Stop 0 mode, the main regulator remains on, allowing a very fast wake-up time, but with a much
higher consumption.
When exiting from Stop 0, Stop 1 or Stop 2 mode, the system clock can be either the MSI clock (up to
48 MHz) or HSI16, depending on software configuration.
•
Standby mode
The Standby mode is used to achieve one of the lowest power consumption, with POR/PDR always active
in this mode. The main regulator is switched off to power down VCORE domain. The low-power regulator is
either switched off or kept active. In the latter case, it only supplies SRAM to ensure data retention. The
PLL, as well as the HSI16 RC oscillator and the HSE crystal oscillator are also powered down. The RTC
can remain active (Standby mode with RTC, Standby mode without RTC).
For each I/O, the software can determine whether a pull-up, a pull-down or no resistor must be applied to
that I/O during Standby mode.
Upon entering Standby mode, register contents are lost except for registers in the RTC domain and
standby circuitry. The SRAM contents can be retained through register setting.
The device exits Standby mode upon external reset event (NRST pin), IWDG reset event, wake-up event
(WKUP pin, configurable rising or falling edge) or RTC event (alarm, periodic wake-up, timestamp, tamper),
or when a failure is detected on LSE (CSS on LSE).
•
Shutdown mode
The Shutdown mode enables to achieve the lowest power consumption. The internal regulator is switched
off so that the VCORE domain is powered off. The PLL, the HSI16, the MSI, the LSI and the HSE oscillators
are also switched off.
The RTC can remain active (Shutdown mode with RTC, Shutdown mode without RTC).
The BOR is not available in Shutdown mode. No power voltage monitoring is possible in this mode,
therefore the switch to Backup domain is not supported.
SRAM1, SRAM2 and register contents are lost except for registers in the Backup domain.
The device exits Shutdown mode when an external reset (NRST pin), a WKUP pin event (configurable
rising or falling edge), or an RTC event occurs (alarm, periodic wake-up, timestamp, tamper).
The system clock after wake-up is MSI at 4 MHz.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 12/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com