| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073MBY6 Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073MBY6 Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 146 page ![]() 4 Pinouts/ballouts, pin description, and alternate functions 4.1 Pinout/ballout schematics Figure 3. UFQFPN32 pinout UFQFPN32 24 23 22 21 20 19 18 17 PA14 PA13 PA12 [PA10] PA11 [PA9] PA10 PA9 PA8 VDDUSB 1 2 3 4 5 6 7 8 VDD PC14-OSC32_IN PC15-OSC32_OUT PF2-NRST VDDA/VREF+ PA0-CK_IN PA1 PA2 1. The above figure shows the package top view. Figure 4. WLCSP42 ballout NC VSS NC PA15 NC PB5 NC 1 2 3 4 5 6 7 A B C D E F G VDDUSB NC PA13 NC PB3 NC PB6 NC PA12 NC PA9 NC PA11 NC PA8 NC PA10 NC VSS NC NC VDD NC PB1 NC PB0 NC PA14 PB10 NC PA5 NC NC PA7 NC PC13 PB2 NC PA3 NC PB4 NC PB7 NC PB8 NC 8 9 10 11 NC VBAT NC VDD PF3 NC NC PA0 NC PF1 PA6 NC PA1 NC NC VDDA/VREF+ NC PF0 PA4 NC VSSA/VREF- NC PC15 NC VSS 12 NC PA2 NC PF2 NC PC14 1. The above figure shows the package top view. STM32U073x8/B/C Pinouts/ballouts, pin description, and alternate functions DS14548 - Rev 2 page 27/146 |