| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP5900SD-2.7/NOPB.A Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5900SD-2.7/NOPB.A Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 29 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LP5900SDX-3.3/NOPB.A Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L16 LP5900TL-1.5/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-1.5/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-1.8/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-1.8/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-1.9/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-1.9/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.0/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.0/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.2/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.2/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.3/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.3/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.5/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.5/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.6/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.6/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.65/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.65/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.7/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.7/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.75/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.75/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.8/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.8/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.85/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.85/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-3.0/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-3.0/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-3.3/NOPB Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-3.3/NOPB.A Active Production DSBGA (YZR) | 4 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 Addendum-Page 2 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |