| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
640468 Datasheet(PDF) 43 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 Datasheet(HTML) 43 Page - TE Connectivity Ltd |
|
43 / 84 page ![]() 43 MTA-156 Posted Connector/Connector Mateability Guide Posted Connectors 640426 Y YYYYYYYYY 640427 Y YYYYYYYYY 640428 Y YYYYYYYYY 640429 Y YYYYYYYYY 640430 Y YYYYYYYYY 640431 N NNNNNNNNN 640432 N NNNNNNNNN 640433 N NNNNNNNNN 640434 N NNNNNNNNN 640435 N NNNNNNNNN 640472 Y YYYYYYYYY 640473 Y YYYYYYYYY 640474 Y YYYYYYYYY 640475 Y YYYYYYYYY 640476 Y YYYYYYYYY 640477 N NNNNNNNNN 640478 N NNNNNNNNN 640479 N NNNNNNNNN 640480 N NNNNNNNNN 640481 N NNNNNNNNN 640595 Y YYYYYYYYY 640599 Y YYYYYYYYY 640600 Y YYYYYYYYY 640601 Y YYYYYYYYY 640602 Y YYYYYYYYY 640604 N NNNNNNNNN 640605 N NNNNNNNNN 640606 N NNNNNNNNN 640607 N NNNNNNNNN 640608 N NNNNNNNNN 641301 Y YYYYYYYYY 641302 Y YYYYYYYYY 641303 Y YYYYYYYYY 641304 Y YYYYYYYYY 641305 Y YYYYYYYYY 641306 N NNNNNNNNN 641307 N NNNNNNNNN 641308 N NNNNNNNNN 641309 N NNNNNNNNN 641310 N NNNNNNNNN 643817 N NNNNNNNNN 643818 N NNNNNNNNN 643819 N NNNNNNNNN 643820 N NNNNNNNNN 643821 N NNNNNNNNN 644082 N NNNNNNNNN 644461 N NNNNNNNNN 644462 N NNNNNNNNN 644463 N NNNNNNNNN 644464 N NNNNNNNNN 644465 N NNNNNNNNN 644466 N NNNNNNNNN 644467 N NNNNNNNNN 644468 N NNNNNNNNN 644469 N NNNNNNNNN 644470 N NNNNNNNNN 644471 N NNNNNNNNN 644472 N NNNNNNNNN 644501 N NNNNNNNNN 644502 N NNNNNNNNN 644566 N NNNNNNNNN 644567 N NNNNNNNNN 644569 N NNNNNNNNN 644570 N NNNNNNNNN 644572 N NNNNNNNNN 644783 N NNNNNNNNN 644791 N NNNNNNNNN 644860 Y YYYYYYYYY 644878 N NNNNNNNNN Matrix for Tin Plated Part Numbers This matrix has been pre- pared to assist you, our customer, in defining the correct mating halves for the MTA-156 posted con- nector and connector com- bination. Where a “Y” is indicated the combination is a valid mating pair. Where an “N” is indicated the combination is not acceptable for mating. MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |