| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
640468 Datasheet(PDF) 61 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 Datasheet(HTML) 61 Page - TE Connectivity Ltd |
|
61 / 84 page ![]() 61 Housings Material (RoHS Compliant) UL94V-2 rated, nylon, white .078 [1.98] .105 [2.67] PC Board Posts .156 [3.96] 12 34 78 9 10 [4.14 .163 + .005 – .000 + 0.13 – 0.00 .052 [1.32 ] ± .002 ± 0.05 B .105 [2.67] Latch Cutout .015 [0.38] 4 Plc. Max. R. A .078 [1.98] Typ. .156 [3.96] Typ. .063 [1.60 ] ± .003 ± 0.08 .063 [1.60 ] ± .003 ± 0.08 .050 [1.27 ] ± .007 ± 0.18 .075 [1.91] .250 [6.35] .125 [3.18] .660 [16.76] No. of Dimensions Latch Location Part Pos. AB Centered Between Pos. Number 2 .312 1 and 2 1-770894-21 7.92 — 3 .468 1 and 2 1-770894-31 11.89 — 4 .624 2 and 3 1-770894-41 15.85 — 5 .780 2 and 3 1-770894-51 19.81 — 6 .936 3 and 4 1-770894-61 23.77 — 7 1.092 3 and 4 1-770894-71 27.74 — 8 1.248 4 and 5 1-770894-81 31.70 — 9 1.404 1.092 1 and 2 & 8 and 9 1-770894-91 35.66 27.74 10 1.560 1.248 1 and 2 & 9 and 10 1-770894-01 39.62 31.70 Note: Not for use with LID Contacts. Shown on page 62. Recommended PC Board Cutout for .062 [1.57] Thick PC Board Mates with .045 square or round staked posts only. For contacts, see page 59 . SL-156 Housings With Through Board Latch MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |