| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
641237 Datasheet(PDF) 55 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
641237 Datasheet(HTML) 55 Page - TE Connectivity Ltd |
|
55 / 84 page ![]() 55 Closed End with Locking Ramp without Polarizing Tabs with Polarizing Tabs with Polarizing Tabs .156 [3.96] Typ. A .097 [2.46] .100 [2.54] .308 [7.82] .725 [18.42] .245 [6.22] .100 [2.54] .325 [8.26] .355 [9.02] .280 [7.11] .180 [4.57] .230 [5.84] .090 [2.29] without Polarizing Tabs .725 [18.42] .245 [6.22] .100 [2.54] .325 [8.26] .385 [9.78] .230 [5.84] .180 [4.57] .090 [2.29] .280 [7.11] Feed-Thru with Locking Ramp .156 [3.96] Typ. A .097 [2.46] AWG .100 [2.54] .308 [7.82] Base Part Numbers Closed End with Locking Ramp Feed-Thru with Locking Ramp Without Tabs With Tabs Without Tabs With Tabs Connector Type & Wire Size Connector RoHS Connector RoHS Connector RoHS Connector RoHS Part Nos. Equiv. Part Nos. Equiv. Part Nos. Equiv. Part Nos. Equiv. Standard UL94V-0, Tin Plated 18 AWG 644329 32–42 644381 32–42 644375 32–42 644387 32–42 0.8-0.9 mm2 20 AWG 644370 32–42 644382 32–42 644376 32–42 644388 32–42 0.5-0.6 mm2 22 AWG 644371 32–42 644383 32–42 644377 32–42 644389 32–42 0.3-0.4 mm2 Material and Finish Housing — UL94V-0 rated, nylon, black Contacts — High conductivity copper alloy, post tin plated For mateability options, see matrix on page 54. For strain relief and dust covers, see pages 40 and 41. For mating half visuals, see pages 46 thru 48 and 50, 52 and 53, (49 and 51 Front Bend Headers only). Mates with tin-plated square posts only. Refer to pages 70 thru 74 for approved wire listing. Note: To determine connector overall length (Dim. A), multiply .156 x the number of circuits. Example: .156 x 10 circuits equals 1.560 inches [39.62 mm]. Note: Tyco Electronics does not rec- ommend terminating an MTA contact more than one time. Use replace- ment contacts when required for field repairs or wire gage changes. Wire Size Part AWG mm2 Numbers 18 0.8-0.9 3-644508-1 20 0.5-0.6 3-644509-1 22 0.3-0.4 3-644510-1 .562 [14.27] .116 [2.95] AWG AWG AWG Connector Ordering Information The “Base Part Numbers” Chart above shows the base part number and number of circuits available for the described connectors. Prefixes and suffixes are deter- mined by the number of circuit positions in the connector. For example, the complete part number for a 10-position closed end connector with locking ramp and without polarizing tabs for 18 AWG wire would be: Base number 644329 plus prefix-and-suffix 1- — -0 The correct ordering number is 1-644329-0 The set of numbers in bold face are the RoHS equivalent ver- sion of the standard product. Example: No. of Standard Lead Free Pos. Prefix/Suffix RoHS Prefix/Suffix 2 644329–2 3-644329–2 thru 12 1-644329-2 4-644329-2 See page 15 for an explanation of RoHS lead free equivalents. Note: All RoHS equivalent part num- bers may not be available upon cat- alog release. If the number you need is not available, please contact Product Engineering to expedite your request. Replacement IDC Contacts Material and Finish Contacts — High conductivity copper alloy post tin plated MTA-156 IDC Quad Connectors—Closed End and Feed-Thru MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |