| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
641237 Datasheet(PDF) 67 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
641237 Datasheet(HTML) 67 Page - TE Connectivity Ltd |
|
67 / 84 page ![]() 67 Plug Housings and Post Headers Plug Housings .200 [5.08] Centerline Material and Finish (RoHS Compliant) Housing — UL 94V-0 rated nylon, natural color Note: Alternate colors available upon request. Minimums may apply. Please contact product engineer or product manager for details. Related Product Data Contacts — Page 64 Mating Post Headers — See below A .406 [10.30] .263 [8.88] .051 [1.30] .200 [5.08] .051 [1.30] .053 [1.35] Typ. Typ. Circuit No. 1 Number of Dimension Part Positions A Number 2 .353 [ 8.98] 1744036-2 3 .553 [14.06] 1744036-3 4 .753 [19.14] 1744036-4 5.953 [24.22] 1744036-5 6 1.153 [29.30] 1744036-6 7 1.353 [34.38] 1744036-7 8 1.553 [39.46] 1744036-8 9 1.753 [44.54] 1744036-9 10 1.953 [49.62] 1-1744036-0 11 2.153 [54.70] 1-1744036-1 12 2.353 [59.78] 1-1744036-2 Post Headers .200 [5.08] Centerline Material and Finish (RoHS Compliant) Housing — UL 94V-0 rated nylon, natural color Note: Alternate colors available upon request. Minimums may apply. Please contact product engineer or product manager for details. Post—Tin-plated brass Related Product Data Mating Plug Housings — See above Number of Dimension Part Number Positions A Straight Right-Angle 2 .302 [ 7.68] 1744037-2 1744048-2 3 .502 [12.76] 1744037-3 1744048-3 4 .702 [17.84] 1744037-4 1744048-4 5 .902 [22.92] 1744037-5 1744048-5 6 1.102 [28.00] 1744037-6 1744048-6 7 1.302 [33.08] 1744037-7 1744048-7 8 1.502 [38.16] 1744037-8 1744048-8 9 1.702 [43.24] 1744037-9 1744048-9 10 1.902 [48.32] 1-1744037-0 1-1744048-0 11 2.102 [53.40] 1-1744037-1 1-1744048-1 12 2.302 [58.48] 1-1744037-2 1-1744048-2 A .339 [8.60] .575 [14.60] .200 [5.08] Typ. Typ. .323 [8.21] .200 [5.08] Ø .065/.069 [1.65/1.75] .190 [4.82] .303 [7.70] .370 [9.40] .059 [1.51] .146 [3.70] Post No. 1 Recommended PC Board Layout Sq. Post .045 [1.14] A .339 [8.60] Edge of Board .059 [1.51] .323 [8.21] .142 [3.60] .669 [17.00] Ø .065/.069 [1.65/1.75] .190 [4.82] .303 [7.70] .370 [9.40] Post No. 1 Ref. Max. 2 Plcs. .080 [2.02] Sq. Post .045 [1.14] .200 [5.08] Typ. Recommended PC Board Layout AMP Economy Power (EP) Wire-to-Board Connector System (Continued) MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |