| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KPSLD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
KPSLD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 7 page ![]() 2 Technical Data - General Number of levels 1 Number of connections 2 Potentials 1 Nominal cross section 6 mm 2 Insulating Material Polyamide 6 , 6 Clamping Material CRCA Flammability rating acc. to UL 94 V2 (V0 - on customer demand) Area of application Rated surge voltage 8 kV Degree of pollution 3 Overvoltage category III Maximum power dissipation for nominal condition 2.62 W Nominal Current I N 41 A Nominal Voltage U N 1000 V Open side panel Yes Result Of Surge Voltage Test Test passed Surge Voltage Test Setpoint 9.8 kV Result of power-frequency withstand voltage test Test passed Power frequency withstand voltage setpoint 2.2 kV Result of the test for mechanical stability of terminal points Test passed Result of bending test Test passed Bending test rotation speed 9 Bending test turns 135 Bending test conductor cross section/weight 0.5 mm² / 0.3 kg , 6 mm² / 1.4 kg ,10 mm² / 2 kg Tensile test result Test passed Conductor cross section tensile test 0.5 mm 2 Tractive force setpoint 20 N Conductor cross section tensile test 6 mm 2 Tractive force setpoint 80 N Conductor cross section tensile test 10 mm 2 Tractive force setpoint 90 N Result of tight fit on support Test passed Tight fit on carrier TS35/7.5 , TS35/15 and TS32 Setpoint 5 Result of voltage-drop test Test passed Requirements, voltage drop <=6.2 mV |