| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KPSLD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
KPSLD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 7 page ![]() 4 Max. AWG conductor cross section, flexible 8 Conductor cross section flexible, with ferrule without plastic sleeve min 0.5 mm 2 Conductor cross section flexible, with ferrule without plastic sleeve max 6 mm 2 Conductor cross section flexible, with ferrule with plastic sleeve min 0.5 mm 2 Conductor cross section flexible, with ferrule with plastic sleeve max 6 mm 2 Internal cylindrical Gauge A5 Approval Details UL Standard UL 1059 B - UL Nominal Voltage U N 600 V B - UL Nominal Current I N 35 A B - UL Wire Min 24 AWG B - UL Wire Max 8 AWG CSA Standard CSA C22.2 No. 158 B - CSA Nominal Voltage U N 600 V B - CSA Nominal Current I N 35 A B - CSA Wire Min 24 AWG B - CSA Wire Max 8 AWG ATEX Standard EN 60079-7 ATEX Nominal Voltage U N 550 V ATEX Nominal Current I N 32 A ATEX Cross Section Solid Min. 0.5 mm 2 ATEX Cross Section Solid Max. 10 mm 2 ATEX Cross Sec. Flexible Min. 0.5 mm 2 ATEX Cross Sec. Flexible Max. 6 mm 2 Product Accessories End Cover KPSLD Height Width Length 46.40 mm 1.00 mm 85.10 mm 1.83 inch 0.04 inch 3.35 inch |