Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP66 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

No. de pieza AP66
Descripción Electrónicos  AP66 ACCESS POINT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JUNIPER [Juniper Networks, Inc.]
Página de inicio  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP66 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  AP66 Datasheet HTML 1Page - Juniper Networks, Inc. AP66 Datasheet HTML 2Page - Juniper Networks, Inc. AP66 Datasheet HTML 3Page - Juniper Networks, Inc. AP66 Datasheet HTML 4Page - Juniper Networks, Inc. AP66 Datasheet HTML 5Page - Juniper Networks, Inc. AP66 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP66 ACCESS POINT DATASHEET
Product Description
The Juniper® AP66 and AP66D are hardened tri-band Wi-Fi 7 (802.11be) high-
performance access points designed for weather-demanding indoor and outdoor
environments.
The AP66 Series brings Wi-Fi 7 tri-band 2x2:2 MIMO radio performance, cloud-driven
automation, and full-spectrum flexibility to challenging indoor/outdoor and semi-industrial
deployments without installation complexity. With an IP67-rated enclosure, flexible
antenna options to support omnidirectional (AP66) or software controlled directional
antennas (AP66D), dual 802.15.4 IoT radios, onboard BLE 6.0, and GNSS/GPS, the AP66
series extends Juniper Mist™ reliability, insight, and AI-native operations to everywhere you
need connectivity—from covered walkways and loading docks to campus quads,
manufacturing floors, and harsh indoor locations exposed to dust or moisture.
The operational complexity of managing today's enterprise wired and wireless networks
continues to increase, driven by the sheer increase in the number of diverse endpoint
devices, including mobile clients and IoT sensors. Traditional management approaches,
reliant on manual configuration and reactive troubleshooting, lack the necessary scale,
agility, and end-to-end visibility to ensure reliable performance in these dynamic
environments, which is why having an AI-native network is more important than ever.
Juniper’s AI-native network
Juniper Mist brings true innovation to wireless networking with the world’s first AI-native
wireless LAN (WLAN). As Juniper AI-native networking platform, Mist makes Wi-Fi
predictable, reliable, and measurable, offering unprecedented visibility into the user
experience through unique service-level expectation (SLE) metrics.
Proactive, AI-native automation and a self-healing network replace time-consuming manual
tasks, lowering Wi-Fi operational costs and saving substantial time and money. All
operations are managed using the open and programmable microservices that are based on
the Juniper Mist cloud architecture.
The Juniper Mist cloud architecture
The Juniper Mist cloud
‑native, AI‑native microservices architecture delivers unparalleled
agility, scale, and resiliency to your network. It lowers OpEx and delivers unprecedented
insights into network performance, behaviors, traffic patterns, and potential trouble spots
by using data science to analyze large amounts of rich metadata collected by Juniper access
points. Juniper AI solutions for Wi
‑Fi optimize operator and user experiences with secure
client
‑to‑cloud automation, insight, and AI‑native actions. With Mist, purpose‑built to
leverage AIOps, the AP66 Series harnesses the faster speed and performance of Wi
‑Fi 7
and assures an excellent experience for all users and devices and the best end
‑to‑end
operator experiences.
Datasheet
1
Product overview
The Juniper AP66 Series is high-
performance Wi-Fi 7
ruggedized, hardened tri-band
2x2:2 access points with built-in
location services and Juniper
Mist integration.
AP66 benefits
- Maximizes 6 GHz band,
providing increased channel
width and enabling multigigabit
speeds
- Tri-band with dedicated fourth
radio for supporting growing
mobility demands
- Flexible integrated
Omnidirectional and Dynamic-
Directional antenna options
- IP-67 compliant for extreme
weather proofing
Juniper Mist benefits
- Fast and reliable deployment
and ease of ongoing
management
- Centralized control and
visibility
- Quick access to new features
and functionality with no
disruption to services
- Agility to scale as network
needs grow


Número de pieza similar - AP66

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Power Electron...
AP6618GM-HF A-POWER-AP6618GM-HF Datasheet
100Kb / 4P
Low On-resistance, Fast Switching Characteristic
AP6618GM-HF A-POWER-AP6618GM-HF_14 Datasheet
100Kb / 4P
Fast Switching Characteristic
logo
Diodes Incorporated
AP66200 DIODES-AP66200 Datasheet
2Mb / 26P
3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
AP66200FVBW-13 DIODES-AP66200FVBW-13 Datasheet
2Mb / 26P
3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
AP66200Q DIODES-AP66200Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
More results

Descripción similar - AP66

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
Laird Tech Smart Techno...
S2406BFNM LSTD-S2406BFNM Datasheet
240Kb / 1P
Direct access point mounting
logo
STMicroelectronics
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com