Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP66 Datasheet(PDF) 2 Page - Juniper Networks, Inc.

No. de pieza AP66
Descripción Electrónicos  AP66 ACCESS POINT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JUNIPER [Juniper Networks, Inc.]
Página de inicio  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP66 Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  AP66 Datasheet HTML 1Page - Juniper Networks, Inc. AP66 Datasheet HTML 2Page - Juniper Networks, Inc. AP66 Datasheet HTML 3Page - Juniper Networks, Inc. AP66 Datasheet HTML 4Page - Juniper Networks, Inc. AP66 Datasheet HTML 5Page - Juniper Networks, Inc. AP66 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Juniper access point family
The real
‑time microservices in the Juniper Mist cloud manage the
Juniper access point (AP) family.
• Wi-Fi 7: AP47, AP37, AP36, and AP66
• Wi-Fi 6E: AP45, AP34, AP24, and AP64
Table 1 compares the supported major functions of Juniper APs to
help in selecting the most appropriate model(s).
Table 1: Juniper Wi-Fi 7 AP comparison chart
AP47
AP37
AP36
AP66
Deployment
Indoor
Indoor
Indoor
Indoor/Outdoor
Wi-Fi standard
Wi-Fi 7 802.11be
(4x4:4)
Wi-Fi 7 802.11be
5/6 GHz: (4x4:4)
2.4 GHz: (2x2:2)
Wi-Fi 7 802.11be
5/6 GHz: (4x4:4)
2.4 GHz: (2x2:2)
Wi-Fi 7 802.11be
(2x2:2)
Number of Wi-Fi radios
4
4
4
4
Wi-Fi radio modes
2.4/5/6 GHz + 5 GHz + 6 GHz
2.4 GHz + 5 GHz + 6 GHz
2.4 GHz + 5 GHz + 6 GHz
2.4 GHz + 5 GHz + 6 GHz
Scanning radio
Dedicated
Dedicated
Dedicated
Dedicated
Antenna options
Internal / Directional / External
Internal
Internal / Directional / External
Internal / Directional
Virtual BLE
Yes
Yes
No
No
Ultra-Wideband (UWB)
Yes
No
No
No
USB
Yes
Yes
Yes
No
IoT sensors
Pressure, temperature, accelerometer
Pressure, temperature, accelerometer
Pressure, temperature, accelerometer
Accelerometer
GNSS/GPS
L1/L5
L1/L5
L1/L5
L1/L5
Secondary Ethernet port
Yes, dual PoE failover
Yes
Yes
No
Warranty
Limited lifetime
Limited lifetime
Limited lifetime
One year
Services available for the Juniper AP66 Wi-Fi cloud services
Juniper® Wi-Fi Assurance
For IT and NOC teams
• Predictable and measurable Wi-Fi
• SLEs support
• WLAN policy fabric for role-based access
• Customizable guest Wi-Fi portal
• Radio Resource Management (RRM), driven by AI
Marvis® AI Assistant
For IT helpdesk teams
• AI-native virtual network assistant
• Natural language processing interface
• Anomaly detection
• Client SLE visibility and enforcement
• Data science-driven root cause analysis
Bluetooth cloud services
Juniper® Asset Visibility
For process and resource improvement teams
• Identification of assets by name and location visibility
• Zonal/Room accuracy for third-party tags
• Historical analytics for asset tags
• Telemetry for asset tags (temperature, motion, and other data)
• APIs for viewing assets and analytics
Analytics cloud services
Juniper® Premium Analytics
For network teams
• Baseline analytics features come included with Wi-Fi
Assurance, User Engagement, and Asset Visibility subscriptions
• End-to-end network visibility
• Orchestrated networking and application performance queries
• Simplified network transparency
For business teams
• Baseline analytics features come included with Wi-Fi
Assurance, User Engagement, and Asset Visibility subscriptions
• Customer segmentation and reporting based on visitor
telemetry
• Customized1 Dwell and third-party reporting for traffic and
trend analysis
• Correlation of customer-guest traffic and trend analysis
• Correlated customer-guest traffic and trend analysis
AP66 Access Point Datasheet
2



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com