| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM263P2ASPDFZCZRQ1 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2ASPDFZCZRQ1 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 168 page ![]() Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued) ZCZ_C BALL NUMBE R [1] ZCZ_S BALL NUMBE R [1] ZCZ_F BALL NUMBE R [1] BALL NAME [2]/ IOMUX REGISTER [14]/ ADDRESS [15]/ DEFAULT VALUE [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] POWER [10] HYS [11] BUFFER TYPE [12] PULL TYPE [13] B16 B16 B16 SDFM0_CLK0 SDFM0_CLK0_CFG_REG 0x5310 01E8 0x0000 05F7 CLKOUT1 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD GPIO122 7 IO SDFM0_CLK0 8 I EQEP1_STROBE 9 IO A16 A16 A16 SDFM0_CLK1 SDFM0_CLK1_CFG_REG 0x5310 01F0 0x0000 05F7 PR0_PRU1_GPIO7 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD CPTS0_TS_SYNC 1 O UART5_RTSn 2 O PR0_IEP0_EDC_SYNC_OUT1 3 O I2C3_SDA 5 IO GPIO124 7 IO SDFM0_CLK1 8 I B15 B15 B15 SDFM0_CLK2 SDFM0_CLK2_CFG_REG 0x5310 01F8 0x0000 05F7 UART5_TXD 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD I2C3_SCL 5 IO GPIO126 7 IO SDFM0_CLK2 8 I ADC_EXTCH_XBAROUT8 9 O A15 A15 A15 SDFM0_CLK3 SDFM0_CLK3_CFG_REG 0x5310 0200 0x0000 05F7 MCAN3_TX 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD UART5_RXD 1 I GPIO128 7 IO SDFM0_CLK3 8 I ADC_EXTCH_XBAROUT9 9 O D14 D14 D14 SDFM0_D0 SDFM0_D0_CFG_REG 0x5310 01EC 0x0000 05F7 PR0_ECAP0_APWM_OUT 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD GPIO123 7 IO SDFM0_D0 8 I D13 D13 D13 SDFM0_D1 SDFM0_D1_CFG_REG 0x5310 01F4 0x0000 05F7 PR0_PRU1_GPIO17 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD UART5_CTSn 2 I PR0_IEP0_EDIO_DATA_IN_OUT30 3 IO GPIO125 7 IO SDFM0_D1 8 I C13 C13 C13 SDFM0_D2 SDFM0_D2_CFG_REG 0x5310 01FC 0x0000 05F7 UART5_RXD 0 I Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD GPIO127 7 IO SDFM0_D2 8 I ADC_EXTCH_XBAROUT0 9 O C14 C14 C14 SDFM0_D3 SDFM0_D3_CFG_REG 0x5310 0204 0x0000 05F7 MCAN3_RX 0 I Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD GPIO129 7 IO SDFM0_D3 8 I ADC_EXTCH_XBAROUT1 9 O www.ti.com AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1 SPRSP81D – OCTOBER 2023 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 39 Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1 |