| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM263P2ASPDFZCZRQ1 Datasheet(PDF) 79 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2ASPDFZCZRQ1 Datasheet(HTML) 79 Page - Texas Instruments |
|
79 / 168 page ![]() over recommended operating conditions (unless otherwise noted) PARAMETER MIN TYP MAX UNIT IL Input Leakage Current, Receiver Disabled, Pull Disabled –18 18 µA Input Leakage Current, Receiver Disabled, Pullup Enabled –243 –100 –19 µA Input Leakage Current, Receiver Disabled, Pulldown Enabled 51 100 210 µA (1) VDDS33 is the voltage on the corresponding power-supply pin on the IC. www.ti.com AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1 SPRSP81D – OCTOBER 2023 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 79 Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1 |