Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3WVR41310 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza PI3WVR41310
Descripción Electrónicos  13.5Gbps DisplayPort 2.1 (UHBR13.5)/HDMI 2.1 3:1 Mux/1:3 DeMux
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR41310 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3WVR41310 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI3WVR41310
Document Number DS44698 Rev 3-2
www.diodes.com
A Product Line of
Diodes Incorporated
PI3WVR41310
b
P
Lead-free Green
Features
y
DisplayPort 2.1 (UHBR13.5), HDMI 2.1 Electrical Standard
Compatible
y
4-Lane, 3:1 Mux and 1:3 DeMux Data Rate Up to 13.5Gbps
Cover DisplayPort RBR, HBR, HBR2, HBR3, UHBR10,
UHBR13.5 and HDMI 1.4/2.0/2.1
y
Supports DDC/AUX with HPD Channel 3:1 Mux/ 1:3 DeMux
y
-1.8dB Insertion Loss for High-Speed Channels @ 6.75GHz
y
Return Loss for High-Speed Channels @ 6.75GHz: -15dB
y
Low Channel-to-Channel Crosstalk for High-Speed Channels:
-38dB @ 6.75GHz
y
Low Off-Isolation for High-Speed Channels: -28dB @ 6.75GHz
y
Low Bit-to-Bit Skew: 5ps Typical (between '+' and '-' bits)
y
VDD Operating Range: 3.3V +/-10%
y
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y
Halogen and Antimony Free. “Green” Device (Note 3)
y
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
y
Packaging (Pb-free & Green):
ß
52-pin, TQFN (ZL), 3.5 x 9mm, 0.4mm pitch
Description
The DIODES PI3WVR41310 is a multi-standard 4-lane 3:1
Mux/1:3 DeMux video switch with wide voltage range capability.
It supports DisplayPort 2.1 (UHBR13.5), HDMI 2.1, and emerg-
ing and proprietary standards.
The PI3WVR41310 can pass high-speed signals up to 1.2V peak-
to-peak differential, with a common-mode voltage from 0 to
VDD for TMDS signal.
The wide voltage range allows DC-coupled multi-standard op-
eration. Eliminating AC coupling capacitors saves board space
and improves signal integrity for dense PCB design.
In addition to four high-speed lanes, the PI3WVR41310 also
switches the DDC/AUX and HPD signals using the DDC/AUX
and HPD channel Mux/DeMux.
13.5Gbps DisplayPort 2.1 (UHBR13.5)/HDMI 2.1 3:1 Mux/1:3 DeMux
Application(s)
y
Commercial Displays
y
Gaming Monitors
y
Docking
y
KVMs
y
Video Matrix
y
Embedded Systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
Ordering Code
Package
Code
Package Description
PI3WVR41310ZLEX
ZL
52-Pin, 3.5 x 9mm (TQFN)
Notes:
• E = Pb-free and Green
• X suffix = Tape/Reel
Ordering Information
D0A
D1A
D2A
D3A
AUX/DDC
HPDA
D0B
D1B
D2B
D3B
AUX/DDC
HPDB
D0
D1
D2
D3
AUX/DDC
HPD
DP/HDMI/USB
D0C
D1C
D2C
D3C
AUX/DDC
HPDC
Simplified Use Cases


Número de pieza similar - PI3WVR41310

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3WVR12412ZHE PERICOM-PI3WVR12412ZHE Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412ZHEX DIODES-PI3WVR12412ZHEX Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
More results

Descripción similar - PI3WVR41310

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
12-BIT 3:1 MUX/DEMUX SWITCH
logo
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
3:1 Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV16214 IDT-IDT74CBTLV16214 Datasheet
74Kb / 5P
LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PO3B3251A POTATO-PO3B3251A_14 Datasheet
1Mb / 6P
8:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3251 PERICOM-PI5C3251_11 Datasheet
481Kb / 4P
8:1 Mux/DeMux BusSwitch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
3:1 Mux/DeMux Bus Switch
PI3WVR31310A PERICOM-PI3WVR31310A Datasheet
1Mb / 16P
DP/HDMI 1:3 De-mux/Mux switches
logo
Diodes Incorporated
PI3WVR31310A DIODES-PI3WVR31310A Datasheet
1Mb / 17P
DP/HDMI 1:3 De-mux/Mux Switches
01/09/17
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com