Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

F280049PMSR Datasheet(PDF) 36 Page - Texas Instruments

No. de pieza F280049PMSR
Descripción Electrónicos  TMS320F28004x Real-Time Microcontrollers
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

F280049PMSR Datasheet(HTML) 36 Page - Texas Instruments

Back Button F280049PMSR Datasheet HTML 32Page - Texas Instruments F280049PMSR Datasheet HTML 33Page - Texas Instruments F280049PMSR Datasheet HTML 34Page - Texas Instruments F280049PMSR Datasheet HTML 35Page - Texas Instruments F280049PMSR Datasheet HTML 36Page - Texas Instruments F280049PMSR Datasheet HTML 37Page - Texas Instruments F280049PMSR Datasheet HTML 38Page - Texas Instruments F280049PMSR Datasheet HTML 39Page - Texas Instruments F280049PMSR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 271 page
background image
Table 6-3. Digital Signals (continued)
SIGNAL NAME
DESCRIPTION
PIN
TYPE
GPIO
100 PZ 64 PMQ 64 PM 56 RSH
EQEP2_STROBE
eQEP-2 Strobe
I/O
27, 28,
56
1, 59,
65
2
2
3
ERRORSTS
Active-low Error Status Output. If you want an
error state to be asserted during power up or
during a fault with the ERRORSTS signal itself,
an external pulldown resistor may be used.
A pullup resistor may be used if you do not
want an error state asserted for the conditions
mentioned.
O
24, 28,
29
1, 100,
56
1, 2, 35 1, 2, 35 2, 3, 32
FSIRXA_CLK
FSIRX-A Input Clock
I
13, 33,
39, 4
50, 53,
75, 91
32, 48
29, 32,
48
26, 29,
43
FSIRXA_D0
FSIRX-A Primary Data Input
I
12, 3,
32, 40
51, 64,
76, 85
40, 49
30, 40,
49
27, 37,
44
FSIRXA_D1
FSIRX-A Optional Additional Data Input
I
11, 2,
31
52, 77,
99
31, 50
31, 50
28, 45
FSITXA_CLK
FSITX-A Output Clock
O
10, 27,
7
59, 84,
93
57, 63
57, 63
52
FSITXA_D0
FSITX-A Primary Data Output
O
26, 6, 9
58, 90,
97
62, 64
62, 64
1, 56
FSITXA_D1
FSITX-A Optional Additional Data Output
O
25, 5, 8
57, 74,
89
47, 61
47, 61
42, 55
GPIO0
General-Purpose Input Output 0
I/O
0
79
52
52
47
GPIO1
General-Purpose Input Output 1
I/O
1
78
51
51
46
GPIO2
General-Purpose Input Output 2
I/O
2
77
50
50
45
GPIO3
General-Purpose Input Output 3
I/O
3
76
49
49
44
GPIO4
General-Purpose Input Output 4
I/O
4
75
48
48
43
GPIO5
General-Purpose Input Output 5
I/O
5
89
61
61
55
GPIO6
General-Purpose Input Output 6
I/O
6
97
64
64
1
GPIO7
General-Purpose Input Output 7
I/O
7
84
57
57
52
GPIO8
General-Purpose Input Output 8
I/O
8
74
47
47
42
GPIO9
General-Purpose Input Output 9
I/O
9
90
62
62
56
GPIO10
General-Purpose Input Output 10
I/O
10
93
63
63
GPIO11
General-Purpose Input Output 11
I/O
11
52
31
31
28
GPIO12
General-Purpose Input Output 12
I/O
12
51
30
27
GPIO13
General-Purpose Input Output 13
I/O
13
50
29
26
GPIO14
General-Purpose Input Output 14
I/O
14
96
GPIO15
General-Purpose Input Output 15
I/O
15
95
GPIO16
General-Purpose Input Output 16
I/O
16
54
33
33
30
GPIO17
General-Purpose Input Output 17
I/O
17
55
34
34
31
GPIO18_X2
General-Purpose Input Output 18. This pin and
its digital mux options can only be used when
the system is clocked by INTOSC and X1 has
an external pulldown resistor (recommended 1
kΩ).
I/O
18
68
41
41
38
GPIO20
General-Purpose Input Output 20
I/O
20
GPIO21
General-Purpose Input Output 21
I/O
21
GPIO22_VFBSW
General-Purpose Input Output 22. This pin
is configured for DC-DC mode by default. If
the internal DC-DC regulator is not used, this
can be configured as General-Purpose Input
Output 22 by disabling DC-DC and clearing
their bits in GPAAMSEL register.
I/O
22
83
56
56
51
TMS320F280049C-Q1, TMS320F280048C-Q1, TMS320F280041C-Q1, TMS320F280040C-Q1
TMS320F280049C, TMS320F280041C, TMS320F280049-Q1, TMS320F280048-Q1
TMS320F280041-Q1, TMS320F280040-Q1, TMS320F280049, TMS320F280045, TMS320F280041
SPRS945G – JANUARY 2017 – REVISED JANUARY 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMS320F280049C-Q1 TMS320F280048C-Q1 TMS320F280041C-Q1
TMS320F280040C-Q1 TMS320F280049C TMS320F280041C TMS320F280049-Q1 TMS320F280048-Q1
TMS320F280041-Q1 TMS320F280040-Q1 TMS320F280049 TMS320F280045 TMS320F280041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com