Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

F280049PMSR Datasheet(PDF) 40 Page - Texas Instruments

No. de pieza F280049PMSR
Descripción Electrónicos  TMS320F28004x Real-Time Microcontrollers
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

F280049PMSR Datasheet(HTML) 40 Page - Texas Instruments

Back Button F280049PMSR Datasheet HTML 36Page - Texas Instruments F280049PMSR Datasheet HTML 37Page - Texas Instruments F280049PMSR Datasheet HTML 38Page - Texas Instruments F280049PMSR Datasheet HTML 39Page - Texas Instruments F280049PMSR Datasheet HTML 40Page - Texas Instruments F280049PMSR Datasheet HTML 41Page - Texas Instruments F280049PMSR Datasheet HTML 42Page - Texas Instruments F280049PMSR Datasheet HTML 43Page - Texas Instruments F280049PMSR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 271 page
background image
6.3.3 Power and Ground
Table 6-4. Power and Ground
SIGNAL NAME
DESCRIPTION
PIN
TYPE
GPIO
100 PZ 64 PMQ 64 PM 56 RSH
VDD
1.2-V Digital Logic Power Pins. TI
recommends placing a decoupling capacitor
near each VDD pin with a minimum total
capacitance of approximately 20 µF. When not
using the internal voltage regulator, the exact
value of the decoupling capacitance should be
determined by your system voltage regulation
solution.
4, 46,
71, 87
27, 4,
44, 59
27, 4,
44, 59
24, 41,
5, 53
VDDA
3.3-V Analog Power Pins. Place a minimum
2.2-µF decoupling capacitor to VSSA on each
pin.
11, 34
22
22
20
VDDIO
3.3-V Digital I/O Power Pins. Place a minimum
0.1-µF decoupling capacitor on each pin.
3, 47,
70, 88
28, 43,
60
28, 43,
60
25, 40,
54
VDDIO_SW
3.3-V Supply pin for the internal DC-DC
regulator. If the internal DC-DC regulator is
used, a bulk input capacitance of 20-µF should
be placed on this pin. Always tie this pin to
the VDDIO pin. A ferrite bead may be used for
isolation if desired but VDDIO_SW and VDDIO
must be supplied from the same source.
80
53
53
48
VSS
Digital Ground
45, 5,
72, 86
26, 45,
5, 58
26, 45,
5, 58
PAD
VSSA
Analog Ground
12, 33
21
21
19
VSS_SW
Internal DC-DC regulator ground. Always tie
this pin to the VSS pin.
82
55
55
50
TMS320F280049C-Q1, TMS320F280048C-Q1, TMS320F280041C-Q1, TMS320F280040C-Q1
TMS320F280049C, TMS320F280041C, TMS320F280049-Q1, TMS320F280048-Q1
TMS320F280041-Q1, TMS320F280040-Q1, TMS320F280049, TMS320F280045, TMS320F280041
SPRS945G – JANUARY 2017 – REVISED JANUARY 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMS320F280049C-Q1 TMS320F280048C-Q1 TMS320F280041C-Q1
TMS320F280040C-Q1 TMS320F280049C TMS320F280041C TMS320F280049-Q1 TMS320F280048-Q1
TMS320F280041-Q1 TMS320F280040-Q1 TMS320F280049 TMS320F280045 TMS320F280041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com