| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM358BAIDDFR Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM358BAIDDFR Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 68 page ![]() 8.4.2 Layout Examples OUT1 OUT2 IN1 í IN1+ V í V+ IN2 í IN2+ RG RIN RF GND VIN VS í GND VS+ GND Run the input traces as far away from the supply lines as possible Only needed for dual-supply operation Place components close to device and to each other to reduce parasitic errors Use low-ESR, ceramic bypass capacitor (or GND for single supply) Ground (GND) plane on another layer Figure 8-3. Operational Amplifier Board Layout for Noninverting Configuration + RIN RG RF VOUT VIN Figure 8-4. Operational Amplifier Schematic for Noninverting Configuration www.ti.com LM158, LM158A, LM258, LM258A LM2904, LM2904B, LM2904BA, LM2904V LM358, LM358A, LM358B, LM358BA SLOS068AB – JUNE 1976 – REVISED OCTOBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 29 Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358 LM358A LM358B LM358BA |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |