| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM358BAIDDFR Datasheet(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM358BAIDDFR Datasheet(HTML) 38 Page - Texas Instruments |
|
38 / 68 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM358ADR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 LM358A LM358ADR.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 LM358A LM358ADRG4 Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 LM358A LM358AP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM358AP LM358AP.B Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM358AP LM358APE4 Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM358AP LM358APE4.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM358AP LM358APE4.B Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM358AP LM358APW Obsolete Production TSSOP (PW) | 8 - - Call TI Call TI 0 to 70 L358A LM358APWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 L358A LM358APWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L358A LM358BAIDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 358BA LM358BAIDDFR.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 358BA LM358BAIDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 358BA LM358BAIDDFRG4 Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 358BA LM358BAIDDFRG4.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 358BA LM358BAIDDFRG4.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 358BA LM358BAIDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 28DB LM358BAIDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 28DB LM358BAIDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BAIDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BAIDR.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BAIDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BAIDRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BAIDRG4.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BAIPWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BAIPWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BAIPWR.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BIDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM358 LM358BIDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM358 LM358BIDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (1TKR, 358B) Addendum-Page 6 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |