Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM4040C Datasheet(PDF) 24 Page - Texas Instruments

No. de pieza LM4040C
Descripción Electrónicos  LM4040 Precision Micropower Shunt Voltage Reference
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LM4040C Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM4040C Datasheet HTML 20Page - Texas Instruments LM4040C Datasheet HTML 21Page - Texas Instruments LM4040C Datasheet HTML 22Page - Texas Instruments LM4040C Datasheet HTML 23Page - Texas Instruments LM4040C Datasheet HTML 24Page - Texas Instruments LM4040C Datasheet HTML 25Page - Texas Instruments LM4040C Datasheet HTML 26Page - Texas Instruments LM4040C Datasheet HTML 27Page - Texas Instruments LM4040C Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
6.23 Typical Characteristics
Temperature (°C)
VZ = 2.5 V
IZ = 150 mA
50 ppm/°C
20 ppm/°C
7 ppm/°C
−0.4
0.1
0
−0.1
−0.2
−0.3
0.6
0.5
0.4
0.3
0.2
−40
0
−20
120
100
80
60
40
20
Figure 6-1. Temperature Drift for Different Average
Temperature Coefficients
100
1k
1M
10k
100k
Frequency (Hz)
1000
100
10
1
0.1
VZ = 2.5 V
IZ = 150 µA
TJ = 25°C
IZ,AC = 0.1 IZ
XC
No Capacitor
1 µF
Tantanlum
Capacitor
Figure 6-2. Output Impedance vs Frequency
100
1k
1M
10k
100k
Frequency (Hz)
1000
100
10
1
0.1
VZ = 2.5 V
IZ = 1 mA
TJ = 25°C
IZ,AC = 0.1 IZ
XC
No Capacitor
1- F
m
Tantanlum
Capacitor
Figure 6-3. Output Impedance vs Frequency
0
20
40
60
80
100
120
VZ, Reverse Voltage (V)
VZ = 2.5 V
TJ = 25°C
0
1
2.5
1.5
2
0.5
3
Figure 6-4. Cathode Current vs. Reverse Voltage
1
100
100k
1k
10k
Frequency (Hz)
10
1
0.1
10
VZ = 2.5 V
IZ = 200 mA
TJ = 25°C
Figure 6-5. Noise Voltage vs Frequency
LM4040A, LM4040B, LM4040C, LM4040D
SLOS456P – JANUARY 2005 – REVISED MARCH 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM4040A LM4040B LM4040C LM4040D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com