Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM4040C Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM4040C
Descripción Electrónicos  LM4040 Precision Micropower Shunt Voltage Reference
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

LM4040C Datasheet(HTML) 1 Page - Texas Instruments

  LM4040C Datasheet HTML 1Page - Texas Instruments LM4040C Datasheet HTML 2Page - Texas Instruments LM4040C Datasheet HTML 3Page - Texas Instruments LM4040C Datasheet HTML 4Page - Texas Instruments LM4040C Datasheet HTML 5Page - Texas Instruments LM4040C Datasheet HTML 6Page - Texas Instruments LM4040C Datasheet HTML 7Page - Texas Instruments LM4040C Datasheet HTML 8Page - Texas Instruments LM4040C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
LM4040 Precision Micropower Shunt Voltage Reference
1 Features
• Fixed output voltages of 2.048V, 2.5V, 3V, 4.096V,
5V, 8.192V, and 10V
• Tight output tolerances and low temperature
coefficient
– Maximum 0.1%, 100ppm/°C – A Grade
– Maximum 0.2%, 100ppm/°C – B Grade
– Maximum 0.5%, 100ppm/°C – C Grade
– Maximum 1.0%, 150ppm/°C – D Grade
• Low output noise: 35μVRMS typical
• Wide operating current range: 45μA typical to
15mA
• Stable with all capacitive loads; no output
capacitor required
• Available in extended temperature range: –40°C to
125°C
2 Applications
• Data-Acquisition Systems
• Energy Infrastructure
• Analog Input Module
• Field Transmitters
• Precision Audio
• Automotive Electronics
3 Description
The LM4040 series of shunt voltage references are
versatile, easy-to-use references that cater to a vast
array of applications. The 2-pin fixed-output device
requires no external capacitors for operation and
is stable with all capacitive loads. Additionally, the
reference offers low dynamic impedance, low noise,
and low temperature coefficient to maintain a stable
output voltage over a wide range of operating currents
and temperatures. The LM4040 uses fuse and Zener-
zap reverse breakdown voltage trim during wafer sort
to offer four output voltage tolerances, ranging from
0.1% (maximum) for the A grade to 1% (maximum) for
the D grade. Thus, a great deal of flexibility is offered
to designers in choosing the best cost-to-performance
ratio for their applications.
Packaged in space-saving SC-70 and SOT-23-3
packages and requiring a minimum current of 45μA
(typical), the LM4040 also is designed for portable
applications. The LM4040xI is characterized for
operation over an ambient temperature range of –
40°C to 85°C. The LM4040xQ is characterized for
operation over an ambient temperature range of –
40°C to 125°C.
Device Information
PART NUMBER
PACKAGE (PIN) (1)
BODY SIZE (NOM)
(2)
LM4040
SOT-23 (3)
2.92mm × 1.30mm
SC70 (6)
2.00mm × 1.25mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
LM4040
IZ + IL
IL
IZ
VS
VZ
RS
Simplified Schematic
LM4040A, LM4040B, LM4040C, LM4040D
SLOS456P – JANUARY 2005 – REVISED MARCH 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM4040C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
LM4040C ZETEX-LM4040C Datasheet
951Kb / 12P
Precision micropower shunt voltage references
logo
ON Semiconductor
LM4040C ONSEMI-LM4040C Datasheet
168Kb / 14P
Precision Micro-Power Shunt Voltage References
July, 2013 ??Rev. 4
logo
Texas Instruments
LM4040C TI-LM4040C Datasheet
1Mb / 58P
LM4040 Precision Micropower Shunt Voltage Reference
JUNE 2024
logo
Silicon Supplies
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
594Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
234Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
More results

Descripción similar - LM4040C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com