Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ABCIRP Datasheet(PDF) 35 Page - TT Electronics.

No. de pieza ABCIRP
Descripción Electrónicos  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRP Datasheet(HTML) 35 Page - TT Electronics.

Back Button ABCIRP Datasheet HTML 31Page - TT Electronics. ABCIRP Datasheet HTML 32Page - TT Electronics. ABCIRP Datasheet HTML 33Page - TT Electronics. ABCIRP Datasheet HTML 34Page - TT Electronics. ABCIRP Datasheet HTML 35Page - TT Electronics. ABCIRP Datasheet HTML 36Page - TT Electronics. ABCIRP Datasheet HTML 37Page - TT Electronics. ABCIRP Datasheet HTML 38Page - TT Electronics. ABCIRP Datasheet HTML 39Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Shell
Size
A
B Max
CØ
Max
D
E Max
FØ
Max
T Thread
(Metric)
Part Number
ABB**NP
(Metric)
T Thread
(Imperial)
Part Number
ABB**NPA
(Imperial)
18
26.97
34.62
30.48
2.69/4.22
20.21
6.00
M3x0.5
18
4-40
UNC
18
20
29.36
38.48
33.53
22.47
20
20
22
31.75
40.84
36.65
23.54
22
22
24
34.93
44.83
40.00
25.90
7.50
24
24
28
39.67
51.18
46.61
29.08
28
28
32
44.45
59.10
52.75
3.50/5.00
30.68
8.00
M4x0.7
32
8-32
UNC
32
36
49.23
63.86
59.10
35.43
36
36
40
55.58
74.68
68.33
38.60
40
40
33
ABCIRP
connector fixing nut plates
grommet filler plug
ABCIRP
Damage to grommet
ABB16KFP -
ABB12KFPF80 -
ABB8KFPF80 -
To be used if grommet is pierced incorrectly
Grommet filler plug
Sealed using filler plugs
ABB**NP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43