Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ABCIRP Datasheet(PDF) 37 Page - TT Electronics.

No. de pieza ABCIRP
Descripción Electrónicos  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRP Datasheet(HTML) 37 Page - TT Electronics.

Back Button ABCIRP Datasheet HTML 33Page - TT Electronics. ABCIRP Datasheet HTML 34Page - TT Electronics. ABCIRP Datasheet HTML 35Page - TT Electronics. ABCIRP Datasheet HTML 36Page - TT Electronics. ABCIRP Datasheet HTML 37Page - TT Electronics. ABCIRP Datasheet HTML 38Page - TT Electronics. ABCIRP Datasheet HTML 39Page - TT Electronics. ABCIRP Datasheet HTML 40Page - TT Electronics. ABCIRP Datasheet HTML 41Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
35
ABCIRP
metal protective caps
ABCIRP
Shell
Size
B Max
C Max
D Max
E1
Max
E2
Max
F1
Max
F2
Max
L
(approx)
d1
Min
d2
+0.5, -0
+0.02, -0
Om Min
Overlap
Mated
18
36.50
38.70
30.80
24.00
27.30
29.80
33.90
150.0
4.85
4.30
15.85
20
39.90
42.10
34.20
22
43.10
45.30
37.40
15.75
24
46.60
48.80
40.90
28
53.40
54.60
46.70
32
60.10
61.30
53.40
27.00
5.50
36
66.30
67.50
59.60
40
72.10
73.40
65.50
ABBE**XPCA M32 (with nylon cord)
ABB**EPCA M32 (with nylon cord)
ABBE**XPCAK M32 (with sash chain)
ABB**EPCAK M32 (with sash chain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43