Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XIO2001ZWS Datasheet(PDF) 35 Page - Texas Instruments

No. de pieza XIO2001ZWS
Descripción Electrónicos  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001ZWS Datasheet(HTML) 35 Page - Texas Instruments

Back Button XIO2001ZWS Datasheet HTML 31Page - Texas Instruments XIO2001ZWS Datasheet HTML 32Page - Texas Instruments XIO2001ZWS Datasheet HTML 33Page - Texas Instruments XIO2001ZWS Datasheet HTML 34Page - Texas Instruments XIO2001ZWS Datasheet HTML 35Page - Texas Instruments XIO2001ZWS Datasheet HTML 36Page - Texas Instruments XIO2001ZWS Datasheet HTML 37Page - Texas Instruments XIO2001ZWS Datasheet HTML 38Page - Texas Instruments XIO2001ZWS Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 145 page
background image
Figure 8-7. Continuing a Locked Sequence
Because PCI Express does not have a unique locked-memory write request packet, all PCI Express memory
write requests that are received while the bridge is locked are considered part of the locked sequence and are
transmitted to PCI as locked-memory write transactions.
The bridge terminates the locked sequence when an unlock message is received from PCI Express and all
previous locked transactions have been completed.
CLK
FRAME
LOCK
IRDY
Figure 8-8. Terminating a Locked Sequence
In the erroneous case that a normal downstream memory read request is received during a locked sequence,
the bridge responds with an unsupported request completion status. Note that this condition must never occur,
because the PCI Express Specification requires the root complex to block normal memory read requests at the
source. All locked sequences that end successfully or with an error condition must be immediately followed by
an unlock message. This unlock message is required to return the bridge to a known unlocked state.
8.3.8 Two-Wire Serial-Bus Interface
The bridge provides a two-wire serial-bus interface to load subsystem identification information and specific
register defaults from an external EEPROM. The serial-bus interface signals (SDA and SCL) are shared with two
of the GPIO terminals (3 and 4). If the serial bus interface is enabled, then the GPIO3 and GPIO4 terminals are
disabled. If the serial bus interface is disabled, then the GPIO terminals operate as described in Section 8.3.11.
8.3.8.1 Serial-Bus Interface Implementation
To enable the serial-bus interface, a pullup resistor must be implemented on the SCL signal. At the rising edge of
PERST or GRST, whichever occurs later in time, the SCL terminal is checked for a pullup resistor. If one is
detected, then bit 3 (SBDETECT) in the serial-bus control and status register (see Section 8.4.59) is set.
Software may disable the serial-bus interface at any time by writing a 0b to the SBDETECT bit. If no external
EEPROM is required, then the serial-bus interface is permanently disabled by attaching a pulldown resistor to
the SCL signal.
The bridge implements a two-terminal serial interface with one clock signal (SCL) and one data signal (SDA).
The SCL signal is a unidirectional output from the bridge and the SDA signal is bidirectional. Both are open-drain
www.ti.com
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com