Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XIO2001ZWS Datasheet(PDF) 13 Page - Texas Instruments

No. de pieza XIO2001ZWS
Descripción Electrónicos  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001ZWS Datasheet(HTML) 13 Page - Texas Instruments

Back Button XIO2001ZWS Datasheet HTML 9Page - Texas Instruments XIO2001ZWS Datasheet HTML 10Page - Texas Instruments XIO2001ZWS Datasheet HTML 11Page - Texas Instruments XIO2001ZWS Datasheet HTML 12Page - Texas Instruments XIO2001ZWS Datasheet HTML 13Page - Texas Instruments XIO2001ZWS Datasheet HTML 14Page - Texas Instruments XIO2001ZWS Datasheet HTML 15Page - Texas Instruments XIO2001ZWS Datasheet HTML 16Page - Texas Instruments XIO2001ZWS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 145 page
background image
Miscellaneous Pins
SIGNAL
ZWS
BALL
NO.
ZAJ
BALL
NO.
PNP
PIN NO.
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
CLKRUN_
EN
A13
C11
96
I
LV
CMOS
VDD_33
Optional
pullup/
pulldown
resistor
Clock run enable
0 = Clock run support disabled
1 = Clock run support enabled
EXT_ARB_EN
C10
A12
97
I
LV
CMOS
VDD_33
Optional
pullup/
pulldown
resistor
External arbiter enable
0 = Internal arbiter enabled
1 = External arbiter enabled
GPIO0 //
CLKRUN
N09
N09
55
I/O
LV
CMOS
VDD_33
Optional
pullup resistor
General-purpose I/O 0/clock run. This
terminal functions as a GPIO controlled
by bit 0 (GPIO0_DIR) in the GPIO
control register (see Section 8.4.60) or
the clock run terminal. This terminal is
used as clock run input when the bridge
is placed in clock run mode.
Note: In clock run mode, an external
pullup resistor is required to prevent the
CLKRUN signal from floating.
Note: This terminal has an internal
active pullup resistor. The pullup is only
active when reset is asserted or when
the GPIO is configured as an input.
GPIO1 // PWR_
OVRD
M09
M09
56
I/O
LV
CMOS
VDD_33
–
General-purpose I/O 1/power override.
This terminal functions as a GPIO
controlled by bit 1 (GPIO1_DIR) in the
GPIO control register (see Section
8.4.60) or the power override output
terminal. GPIO1 becomes PWR_OVRD
when bits 22:20 (POWER_OVRD) in the
general control register are set to 001b
or 011b (see Section 8.4.66).
Note: This terminal has an internal
active pullup resistor. The pullup is only
active when reset is asserted or when
the GPIO is configured as an input.
GPIO2
N10
N10
57
I/O
LV
CMOS
VDD_33
–
General-purpose I/O 2. This terminal
functions as a GPIO controlled by bit 2
(GPIO2_DIR) in the GPIO control
register (see Section 8.4.60).
Note: This terminal has an internal
active pullup resistor. The pullup is only
active when reset is asserted or when
the GPIO is configured as an input.
GPIO3 // SDA
N11
L08
58
I/O
LV
CMOS
VDD_33
Optional
pullup resistor
GPIO3 or serial-bus data. This terminal
functions as serial-bus data if a pullup
resistor is detected on SCL or when the
SBDETECT bit is set in the Serial Bus
Control and Status Register (see
Section 8.4.59). If no pullup is detected
then this terminal functions as GPIO3.
Note: In serial-bus mode, an external
pullup resistor is required to prevent the
SDA signal from floating.
www.ti.com
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com