Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65CIF6TR Datasheet(PDF) 17 Page - STMicroelectronics

No. de pieza STM32WBA65CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65CIF6TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32WBA65CIF6TR Datasheet HTML 13Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 14Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 15Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 16Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 17Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 18Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 19Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 20Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 185 page
background image
DS14736 Rev 1
17/185
STM32WBA6xxx
Functional overview
69
3
Functional overview
3.1
Arm Cortex-M33 core with TrustZone, MPU, DSP, and FPU
The Cortex-M33 with TrustZone, MPU, DSP and FPU is a highly energy-efficient processor
designed for microcontrollers and deeply embedded applications, especially those requiring
efficient security.
The Cortex-M33 processor delivers a high computational performance with low-power
consumption and an advanced response to interrupts. It features:
•
Arm TrustZone technology, using the Armv8-M main extension supporting secure and
nonsecure states
•
MPUs (memory protection units), supporting up to 16 regions for secure and nonsecure
applications
•
Configurable SAU (secure attribute unit) supporting up to eight memory regions as
secure or nonsecure
•
Floating-point arithmetic functionality with support for single precision arithmetic
The processor supports a set of DSP instructions that allows an efficient signal processing
and a complex algorithm execution.
The Cortex-M33 processor supports the following bus interfaces:
•
System AHB (S-AHB) bus: used for any instruction fetch and data access to the
memory-mapped SRAM, peripheral, and Vendor_SYS regions of the Armv8-M memory
map.
•
Code AHB (C-AHB) bus: used for any instruction fetch and data access to the code
region of the Armv8-M memory map.
3.2
ART Accelerator (ICACHE)
The ICACHE (instruction cache) is introduced on C-AHB code bus of Cortex-M33 processor
to improve performance when fetching instruction (or data) from internal memories.
ICACHE offers the following features:
•
Multibus interface:
–
Slave port receiving the memory requests from the Cortex-M33 C-AHB code
execution port
–
Master1 port performing refill requests to internal flash memory
–
Master2 port performing refill requests to internal SRAM memories
–
Second slave port dedicated to ICACHE registers access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com