Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65CIF6TR Datasheet(PDF) 37 Page - STMicroelectronics

No. de pieza STM32WBA65CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65CIF6TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32WBA65CIF6TR Datasheet HTML 33Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 34Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 35Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 36Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 37Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 38Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 39Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 40Page - STMicroelectronics STM32WBA65CIF6TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 185 page
background image
DS14736 Rev 1
37/185
STM32WBA6xxx
Functional overview
69
system clock is woken up and distributed to all peripherals enabled in the RCC. This
allows the DMA to access the enabled SRAM, and any enabled peripheral register (for
instance GPIO registers). When no peripheral requests its bus clock Stop 1 mode is
automatically re-entered when Stop 1 mode selected as low-power mode.
•
Automatic start of the peripheral thanks to hardware synchronous or asynchronous
triggers (such as I/Os edge detection and low-power timer event).
•
Wake-up from Stop mode with peripheral interrupt.
The GPDMA is fully functional and the linked-list is updated in Stop 0 mode, allowing the
different DMA transfers to be linked without any CPU wake-up. This can be used to chain
different peripherals transfers, or to write peripherals registers in order to change their
configuration while remaining in Stop 0 mode.
The DMA transfers from memory to memory can be started by hardware synchronous or
asynchronous triggers, and the DMA transfers between peripherals and memories can also
be gated by those triggers.
Here below some use-cases that can be done while remaining in Stop mode:
•
A/D conversion triggered by a low-power timer (or any other trigger)
–
wake-up from Stop mode on analog watchdog if the A/D conversion result is out of
programmed thresholds
–
wake-up from Stop mode on DMA buffer event
•
I2C slave reception or transmission, SPI reception, UART/LPUART reception
–
wake-up at the end of peripheral transfer or on DMA buffer event
•
I2C controller transfer, SPI transmission, UART/LPUART transmission, triggered by a
low-power timer (or any other trigger):
–
example: sensor periodic read
–
wake-up at the end of peripheral transfer or on DMA buffer event
•
Bridges between peripherals
–
example: ADC converted data transferred by communication peripherals
•
Data transfer from/to GPIO to/from SRAM for:
–
controlling external components
–
implementing data transmission and reception protocols
Table 10. Functionalities depending on the working mode(1)
Peripheral
Run
Sleep
Stop 0
Stop 1
Stop 2
Standby
retention
Standby
-
-
-
-
CPU
Y
R
R
-R
-R
--
--
-
Flash memory
O(2)
O(2)
R
-R
-R
-R
-R
-
Flash interface
O
R
R
-R
-R
--
--
-
SRAM1
O
O
O(3)
-O(3)
-O(3)
-O(3)
--
-
SRAM2
O
O
O(3)
O(4) O(3)
O(3)
O(3)
--
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com