Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 135 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 131Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 132Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 133Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 134Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 135Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 136Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 137Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 138Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 185 page
background image
DS14736 Rev 1
135/185
STM32WBA6xxx
Electrical characteristics
169
5.3.13
Flash memory characteristics
Jitter(1)
RMS cycle-to-cycle jitter
Integer mode, VCO = 544 MHz
-
±20
-
ps
Fractional mode, VCO = 544 MHz
-
±70
-
RMS period jitter
Integer mode, VCO = 544 MHz
-
±35
-
Fractional mode, VCO = 544 MHz
-
±45
-
Long-term jitter(4)
fPLL_IN = 8 MHz
Integer mode, VCO = 544 MHz
-
±160
-
Fractional mode, VCO = 544 MHz
-
±170
-
IDD(PLL)(1)
PLL power consumption
on VDD with LDO
VCO freq = 100 MHz
-
370
-
μA
VCO freq = 200 MHz
-
460
-
VCO freq = 336 MHz
-
710
-
VCO freq = 544 MHz
-
1100
-
PLL power consumption
on VDD with SMPS.
VCO freq = 100 MHz, 1 clock output
-
260
-
μA
VCO freq = 100 MHz, 3 clock outputs
-
270
-
VCO freq = 200 MHz, 1 clock output
-
320
-
VCO freq = 336 MHz, 1 clock output
-
470
-
VCO freq = 544 MHz, 1 clock output
-
730
-
1. Specified by design, not tested in production.
2. Evaluated by characterization, not tested in production, unless otherwise specified.
3. Lock time is the duration until PLL1RDY flag (2% of final frequency).
4. Measured on 5000 cycles.
Table 67. PLL characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 68. Flash memory characteristics
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
tprog(2)
128-bit programming time
Normal mode
118
118
µs
Burst mode
48
48
tprog_page(2) One 8-Kbyte page programming time
fAHB = 100 MHz, normal mode
62
-
ms
fAHB = 100 MHz, burst mode
24.9
-
tprog_flash(2) 1-Mbyte programming time
fAHB = 100 MHz, normal mode
7930
-
fAHB = 100 MHz, burst mode
3180
-
tERASE(2) One 8-Kbyte page erase time
10 k endurance cycles
1.5
2.4
100 k endurance cycles(3)
1.7
3.4
tME(2)
Mass erase time (1-Mbyte, one bank)
10 k endurance cycles
195
308
Mass erase time (2-Mbyte, two banks)
390
616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com