Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 136 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 132Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 133Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 134Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 135Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 136Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 137Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 138Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 139Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
136/185
DS14736 Rev 1
5.3.14
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (electromagnetic susceptibility)
While a simple application is executed on the device (toggling two LEDs through I/O ports),
the device is stressed by two electromagnetic events until a failure occurs. The failure is
indicated by the LEDs as follows:
•
ESD (electrostatic discharge), positive and negative: applied to all device pins until a
functional disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
•
FTB (fast transient voltage burst), positive and negative: applied to VDD and VSS pins
through a 100 pF capacitor, until a functional disturbance occurs. This test is compliant
with the IEC 61000-4-4 standard.
A device reset allows normal operations to be resumed.
IDD(4)
Average consumption from VDD
Write mode
2.1
-
mA
Erase mode
1.3
-
Maximum current (peak) from VDD
Write mode
2.6
-
Erase mode
3.0
-
1. Evaluated by characterization after cycling, not tested in production.
2. Specified by design, not tested in production, unless otherwise specified.
3. Erase time applies to all pages in user area in flash main memory (only 32 pages can be cycled more than 10 k times)
4. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 68. Flash memory characteristics (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Table 69. Flash memory endurance and data retention(1)
Symbol
Parameter
Conditions
Min
Unit
NEND
Endurance
Whole user flash
TA = –40 to 105 °C
10
kcycles
Limited to 32 pages per bank
100
tRET
Data retention(2)
Whole bank
TA = 85 °C after 1 kcycles
30
TA = 105 °C after 1 kcycles
15
TA = 55 °C after 10 kcycles
30
TA = 85 °C after 10 kcycles
15
TA = 105 °C after 10 kcycles
10
Limited to 32 pages per bank
TA = 55 °C after 100 kcycles
30
TA = 85 °C after 100 kcycles
15
TA = 105 °C after 100 kcycles
10
1. Evaluated by characterization, not tested in production, unless otherwise specified.
2. Cycling performed over the whole temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com