Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA65PIF6TR Datasheet(PDF) 154 Page - STMicroelectronics

No. de pieza STM32WBA65PIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA65PIF6TR Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STM32WBA65PIF6TR Datasheet HTML 150Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 151Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 152Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 153Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 154Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 155Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 156Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 157Page - STMicroelectronics STM32WBA65PIF6TR Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
154/185
DS14736 Rev 1
Figure 29. VREFBUF_OUT versus temperature (VRS = 000)
TCoeff
Temperature
coefficient
–40 °C < TJ < +130 °C
-
-
Tcoeff_vrefint
+ 50
ppm/
°C
PSRR
Power supply
rejection
DC
-
65
-
dB
100 kHz
-
30
-
tSTART
Startup time
CL = 0.5 µF
-
110
200
µs
CL = 1.1 µF
-
240
350
CL = 1.5 µF
-
320
500
IINRUSH
Control of DC
current drive on
VREFBUF_OUT during
startup phase (6)
--
8
11
mA
IDDA
(VREFBUF)
Consumption from
VDDA
Iload = 0 µA
-
14
18
µA
Iload = 500 µA
-
16
20
Iload = 4 mA
-
42
50
1. Specified by design and not tested in production, unless otherwise specified.
2. In degraded mode, the voltage reference buffer cannot accurately maintain the output voltage (VDDA - drop voltage).
3. Evaluated by characterization. Not tested in production.
4. The capacitive load must include a 100 nF capacitor to cut off the high-frequency noise.
5. The load regulation value only takes into account the die and package resistance. The parasitic resistance on PCB degrades
this value.
6. To correctly control the VREFBUF inrush current during startup phase and scaling change, the VDDA voltage must be in the
range of [1.8 V-3.6 V], [2.1 V-3.6 V], [2.4 V-3.6 V], and [2.8 V-3.6 V] for, respectively, VRS = 000, 001, 010, and 011.
Table 88. VREFBUF characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv69705V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com